| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ADS9217 bảng dữ liệu(PDF) 13 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
ADS9217 bảng dữ liệu(HTML) 13 Page - Texas Instruments |
|
13 / 68 page ![]() CS SCLK SDI SDO A 7 A 6 A 5 A 4 A 3 A 2 A 1 A 0 D 15 D 14 D 13 D 12 D 11 D 10 D 9 D 8 D 7 D 6 D 5 D 4 D 3 D 2 D 1 D 0 tsu_CKDI tht_CKDI td_CKDO tht_SDO td_CSCK thi_CS SDO is active only when reading registers; Hi-Z otherwise tdz_CKDO DO 15 DO 14 DO 13 DO 12 DO 11 DO 10 DO 9 DO 8 DO 7 DO 6 DO 5 DO 4 DO 3 DO 2 DO 1 DO 0 td_CKCS Hi-Z tden_CKDO 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 Figure 6-4. Configuration SPI tsu_SYNC_SMPLCLK tht_SYNC_SMPLCLK SMPL_SYNC SMPL_CLK Figure 6-5. SMPL_SYNC Timing Sample N Data MSB for Sample N td_SMPL_DATA SMPL_CLK FCLKP – FCLKM Delay tLAT 1. See the ADC Sampling Clock Input section for more details. Figure 6-6. Sampling Edge to Corresponding Data MSB Output Timing www.ti.com ADS9117, ADS9118, ADS9119 SLVSIN3 – MAY 2025 Copyright © 2025 Texas Instruments Incorporated Submit Document Feedback 13 Product Folder Links: ADS9117 ADS9118 ADS9119 |