công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

HS0-117RH/SAMPLE bảng dữ liệu(PDF) 12 Page - Renesas Technology Corp

tên linh kiện HS0-117RH/SAMPLE
Giải thích chi tiết về linh kiện  Radiation Hardened Adjustable Positive Voltage Regulator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HS0-117RH/SAMPLE bảng dữ liệu(HTML) 12 Page - Renesas Technology Corp

Back Button HS0-117RH/SAMPLE Datasheet HTML 8Page - Renesas Technology Corp HS0-117RH/SAMPLE Datasheet HTML 9Page - Renesas Technology Corp HS0-117RH/SAMPLE Datasheet HTML 10Page - Renesas Technology Corp HS0-117RH/SAMPLE Datasheet HTML 11Page - Renesas Technology Corp HS0-117RH/SAMPLE Datasheet HTML 12Page - Renesas Technology Corp HS0-117RH/SAMPLE Datasheet HTML 13Page - Renesas Technology Corp HS0-117RH/SAMPLE Datasheet HTML 14Page - Renesas Technology Corp HS0-117RH/SAMPLE Datasheet HTML 15Page - Renesas Technology Corp HS0-117RH/SAMPLE Datasheet HTML 16Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
HS-117RH, HS-117EH
FN4560 Rev.11.01
Page 12 of 15
Aug 12, 2025
Revision History The revision history provided is for informational purposesonly and is believed to be accurate, but not warranted.
Please visit our website to make sure you have the latest revision.
DATE
REVISION
CHANGE
Aug 12, 2025
11.01
Updated Figure 18 label.
Replaced the External Bypass Capacitors section with three new sections.
Updated POD J3.A to the latest revision; changes are as follows:
-On bottom view, removed the termination numbering (“1”, “2”, “3”)
-Updated the package thickness minimum spec from 0.110 in. to 0.112 in. and from 2.79mm to 2.84mm
-Updated note 4.
Mar 28, 2019
11.00
Updated links throughout document.
Updated Related Literature section.
Updated SEL/SEB LETTH information in Features section on page 1.
Added Note 3.
Updated Figure 16.
Removed About Intersil section.
Updated POD J3.A to the latest revision, changes are as follows:
-Updated Max value for Symbol A from: 0.124inches/3.15mm to: 0.122inches/3.10mm
Updated Disclaimer
Mar 25, 2014
10.00
Updated “Ordering Information on page 3. Expanded content in datasheet from 3 to 15 pages.
Sep 4, 2012
9.00
Added HS-117EH as Device # to datasheet (EH FGs already added to the Ordering Information table), making
this a 2-part datasheet: HS-117RH, HS-117EH.
Global search/change HS-117RH to HS-117RH, HS-117EH.
Dec 15, 2011
8.00
Added parts to datasheet: HS2-117EH-Q, HS0-117EH-Q, HS9S-117EH-Q and HSYE-117EH-Q
Oct 10, 2003
7.00
Revised datasheet includes a new date and file number.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com