công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MB85RC64TAPNF-G-AWERE2 bảng dữ liệu(PDF) 7 Page - RAMXEED LIMITED

tên linh kiện MB85RC64TAPNF-G-AWERE2
Giải thích chi tiết về linh kiện  64 K (8 K x 8) Bit I2C
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RAMXEED [RAMXEED LIMITED]
Trang chủ  https://www.ramxeed.com/
Logo RAMXEED - RAMXEED LIMITED

MB85RC64TAPNF-G-AWERE2 bảng dữ liệu(HTML) 7 Page - RAMXEED LIMITED

Back Button MB85RC64TAPNF-G-AWERE2 Datasheet HTML 3Page - RAMXEED LIMITED MB85RC64TAPNF-G-AWERE2 Datasheet HTML 4Page - RAMXEED LIMITED MB85RC64TAPNF-G-AWERE2 Datasheet HTML 5Page - RAMXEED LIMITED MB85RC64TAPNF-G-AWERE2 Datasheet HTML 6Page - RAMXEED LIMITED MB85RC64TAPNF-G-AWERE2 Datasheet HTML 7Page - RAMXEED LIMITED MB85RC64TAPNF-G-AWERE2 Datasheet HTML 8Page - RAMXEED LIMITED MB85RC64TAPNF-G-AWERE2 Datasheet HTML 9Page - RAMXEED LIMITED MB85RC64TAPNF-G-AWERE2 Datasheet HTML 10Page - RAMXEED LIMITED MB85RC64TAPNF-G-AWERE2 Datasheet HTML 11Page - RAMXEED LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 41 page
background image
MB85RC64TA
DS501-00044-5v1-E
7
COMMAND
• Byte Write
If the device address word (R/W “0” input) is sent following the start condition, the slave responds with an
ACK. After this ACK, write addresses and data are sent in the same way, and the write ends by generating
a stop condition at the end.
Note : In the MB85RC64TA, input “000” as the upper 3 bits of the MSB.
• Page Write
If additional 8 bits are continuously sent after the same command (except stop condition) as Byte Write, a
page write is performed. The memory address rolls over to first memory address (0000H) at the end of the
address. Therefore, if more than 8 Kbytes are sent, the data is overwritten in order starting from the start of
the memory address that was written first. Because FeRAM performs the high-speed write operations, the
data will be written to FeRAM right after the ACK response finished.
Note : It is not necessary to take a period for internal write operation cycles from the buffer to the memory after
the stop condition is generated.
LSB
Start Condition
Stop Condition
ACK (SDA is the "L" level)
A
S
P
MSB
0 0 0 XXXXX
XXXXXX X X
S
A2 A1 A0
A
A
A
A P
Address
High 8bits
Address
Low 8bits
Write
Data 8bits
0
1
010
Access from master
Access from slave
Start Condition
Stop Condition
ACK (SDA is the "L" level)
A
S
P
S
A2 A1 A0
A
A
A
A
A P
Address
High 8bits
Address
Low 8bits
Write
Data 8bits
Write
Data
...
0
1
010
Access from master
Access from slave



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com