| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ADS830E/1K bảng dữ liệu(PDF) 9 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
ADS830E/1K bảng dữ liệu(HTML) 9 Page - Texas Instruments |
|
9 / 17 page ![]() ADS830 9 SBAS086A FIGURE 5. Transformer Coupled Input. FIGURE 6. Equivalent Reference Circuit with Recommended Reference Bypassing. V IN IN IN CM 22 Ω 22 Ω 47pF R T 47pF + 10µF 0.1µF INT/EXT RSEL +5V ADS830 1:n 0.1µF R G ADS830 REFT CM REFB Bypass Capacitors: 0.1µF || 2.2µF each Bandgap Reference and Logic V REF 400 Ω 400 Ω +1 +1 +V S 50k Ω 50k Ω INT/EXT RSEL SINGLE-ENDED-TO-DIFFERENTIAL CONFIGURATION (Transformer Coupled) If the application requires a signal conversion from a single- ended source to feed the ADS830 differentially, a RF trans- former might be a good solution. The selected transformer must have a center tap in order to apply the common-mode DC voltage necessary to bias the converter inputs. AC grounding the center tap will generate the differential signal swing across the secondary winding. Consider a step- up transformer to take advantage of a signal amplification without the introduction of another noise source. Further- more, the reduced signal swing from the source may lead to an improved distortion performance. The differential input configuration may provide a notice- able advantage of achieving good SFDR performance over a wide range of input frequencies. In this mode both inputs of the ADS830 see closely matched impedances, and the differential signal swing is reduced to half of the swing required for single-ended drive. Figure 5 shows the sche- matic for the suggested transformer coupled interface cir- cuit. The component values of the R-C lowpass may be optimized depending on the desired roll-off frequency. The resistor across the secondary side (RT) should be calculated using the equation RT = n2 x RG to match the source impedance (RG) for good power transfer and VSWR. REFERENCE OPERATION Figure 6 depicts the simplified model of the internal refer- ence circuit. The internal blocks are the bandgap voltage reference, the drivers for the top and bottom reference, and 2Vp-p NOTE: R F = RIN, G = –1 V IN R 2 301 Ω R 1 499 Ω ADS830 R S 39 Ω 47pF 0.1µF IN IN CM (+2.5V) INT/EXT R F 499 Ω R IN 499 Ω V CM = +1.25V REFB (+2.0V) REFT (+3.0V) 1/2 OPA2681 1/2 OPA2681 R F 1k Ω 50 Ω 0.1µF 0.1µF RSEL +V S +5V +5V FIGURE 4. DC-Coupled Interface Circuit with Dual Current-Feedback Amplifier OPA2681. The OPA2680 can be used in place of the OPA2681 if a voltage feedback amplifier is preferred. |