công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADS5500IPAPG4 bảng dữ liệu(PDF) 23 Page - Texas Instruments

tên linh kiện ADS5500IPAPG4
Giải thích chi tiết về linh kiện  14-Bit, 125Msps ANALOG-TO-DIGITAL CONVERTER
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI2 [Texas Instruments]
Trang chủ  https://www.ti.com
Logo TI2 - Texas Instruments

ADS5500IPAPG4 bảng dữ liệu(HTML) 23 Page - Texas Instruments

Back Button ADS5500IPAPG4 Datasheet HTML 19Page - Texas Instruments ADS5500IPAPG4 Datasheet HTML 20Page - Texas Instruments ADS5500IPAPG4 Datasheet HTML 21Page - Texas Instruments ADS5500IPAPG4 Datasheet HTML 22Page - Texas Instruments ADS5500IPAPG4 Datasheet HTML 23Page - Texas Instruments ADS5500IPAPG4 Datasheet HTML 24Page - Texas Instruments ADS5500IPAPG4 Datasheet HTML 25Page - Texas Instruments ADS5500IPAPG4 Datasheet HTML 26Page - Texas Instruments ADS5500IPAPG4 Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 37 page
background image
www.ti.com
600 mA
fs
125MSPS
(5)
ADS5500
SBAS303F – DECEMBER 2003 – REVISED FEBRUARY 2007
can be selected depending on the application. An RF
gain block amplifier, such as TI's THS9001, can also
be used with an RF transformer for very high input
frequency
applications.
The
THS4503
is
a
recommended
differential
input/output
amplifier.
Table 4 lists the recommended amplifiers.
When
using
single-ended
operational
amplifiers
(such as the THS3201, THS3202, OPA847, or
OPA695) to provide gain, a three-amplifier circuit is
recommended with one amplifier driving the primary
of an RF transformer and one amplifier in each of the
legs of the secondary driving the two differential
inputs of the ADS5500. These three amplifier circuits
Figure 42. Transformer Input to Convert
minimize
even-order
harmonics.
For
very
high
Single-Ended Signal to Differential Signal
frequency inputs, an RF gain block amplifier can be
used to drive a transformer primary; in this case, the
transformer secondary connections can drive the
The single-ended signal is fed to the primary winding
input
of
the
ADS5500
directly,
as
shown
in
of an RF transformer. Since the input signal must be
Figure 42, or with the addition of the filter circuit
biased around the common-mode voltage of the
shown in Figure 43.
internal circuitry, the common-mode voltage (VCM)
from the ADS5500 is connected to the center-tap of
Figure 43 illustrates how RIN and CIN can be placed
the secondary winding. To ensure a steady low-noise
to isolate the signal source from the switching inputs
VCM reference, best performance is obtained when
of the ADC and to implement a low-pass RC filter to
the CM (pin 17) output is filtered to ground with 0.1
limit the input noise in the ADC. It is recommended
µF and 0.001-µF low-inductance capacitors.
that these components be included in the ADS5500
circuit layout when any of the amplifier circuits
Output VCM (pin 17) is designed to directly drive the
discussed previously are used. The components
ADC input. When providing a custom CM level, be
allow fine-tuning of the circuit performance. Any
aware that the input structure of the ADC sinks a
mismatch between the differential lines of the
common-mode current in the order of 600
µA (300
ADS5500
input
produces
a
degradation
in
µA per input) at 125 Msps. Equation 5 describes the
performance
at
high
input
frequencies,
mainly
dependency of the common-mode current and the
characterized by an increase in the even-order
sampling frequency:
harmonics. In this case, special care should be taken
to keep as much electrical symmetry as possible
between both inputs.
Where:
Another possible configuration for lower-frequency
fS > 2 Msps.
signals
is
the
use
of
differential
input/output
amplifiers that can simplify the driver circuit for
This equation helps to design the output capability
applications
requiring
dc-coupling
of
the
input.
and impedance of the driving circuit accordingly.
Flexible in their configurations (see Figure 44), such
When it is necessary to buffer or apply a gain to the
amplifiers
can
be
used
for
single-ended-
incoming analog signal, it is possible to combine
to-differential conversion, signal amplification.
single-ended operational amplifiers with an RF
transformer, or to use a differential input/output
amplifier without a transformer, to drive the input of
the
ADS5500.
TI
offers
a
wide
selection
of
single-ended operational amplifiers (including the
THS3201, THS3202, OPA847, and OPA695) that
23
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com