| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ADS5500CPAP bảng dữ liệu(PDF) 3 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
ADS5500CPAP bảng dữ liệu(HTML) 3 Page - Texas Instruments |
|
3 / 37 page ![]() www.ti.com ELECTRICAL CHARACTERISTICS ADS5500 SBAS303F – DECEMBER 2003 – REVISED FEBRUARY 2007 RECOMMENDED OPERATING CONDITIONS (continued) MIN NOM MAX UNIT Clock duty cycle (see Figure 49 for more information) 50% 0 70 Open free-air temperature range °C –40 85 Typ values given at T A = 25°C, min and max specified over the full recommended operating temperature range, AVDD = DRV DD = 3.3 V, sampling rate = 125 Msps, 50% clock duty cycle, DLL On, 3-VPP differential clock, and –1-dBFS differential input, unless otherwise noted PARAMETER TEST CONDITIONS MIN TYP MAX UNIT Resolution 14 Bits ANALOG INPUTS Differential input range 2.3 VPP Differential input impedance See Figure 41 6.6 Ω Differential input capacitance See Figure 41 4 pF Analog input common-mode current (per 300 µA input) Analog input bandwidth Source impedance = 50 Ω 750 MHz Clock Voltage overload recovery time 4 Cycles INTERNAL REFERENCE VOLTAGES VREFM Reference bottom voltage 0.97 V VREFP Reference top voltage 2.11 V Reference error – 4% ±0.9% 4% VCM Common-mode voltage output 1.55 ±0.05 V DYNAMIC DC CHARACTERISTICS AND ACCURACY No missing codes Tested DNL Differential linearity error fIN = 10 MHz –0.9 ±0.75 1.1 LSB INL Integral linearity error fIN = 10 MHz –5 ±2.5 5 LSB Offset error –11 ±1.5 11 mV Offset temperature coefficient 0.02 mV/ °C ∆offset error/∆AV DD from AVDD = 3 DC power supply rejection ratio, DC PSRR 0.25 mV/V V to AVDD = 3.6 V Gain error (1) –2 ±0.45 2 %FS Gain temperature coefficient 0.01 ∆%/°C DYNAMIC AC CHARACTERISTICS 25 °C to T MAX 71.5 73.2 fIN = 10 MHz Full temp range 70.5 72.8 fIN = 30 MHz 72.7 fIN = 55 MHz 71.9 SNR Signal-to-noise ratio 25 °C to T MAX 70.8 72.3 dBFS fIN = 70 MHz Full temp range 69.8 72 fIN = 100 MHz 71.2 fIN = 150 MHz 70.1 fIN = 225 MHz 69.1 RMS output noise Input tied to common-mode 1.1 LSB (1) Gain error is specified by design and characterization; it is not tested in production. 3 Submit Documentation Feedback |