| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
DFR0604 bảng dữ liệu(PDF) 11 Page - DFROBOT |
|
|
|||||||||||||||||||||||||||||
DFR0604 bảng dữ liệu(HTML) 11 Page - DFROBOT |
|
11 / 13 page ![]() import RPi.GPIO as GPIO import time blinkPin = 16 GPIO.setmode(GPIO.BCM) GPIO.setup(blinkPin, GPIO.OUT) # Set GPIO16 is OUTPUT for i in range(0, 10): GPIO.output(blinkPin, 1) time.sleep(1) GPIO.output(blinkPin, 0) time.sleep(1) GPIO.cleanup() • IIC: for using IIC interface, input the command to enable the Raspberry Pi IIC first: sudo raspi-config Select [Interfacing Options]-[I2C]-[Yes]-[OK]-[Finish]. Restart the Raspberry Pi when completed these steps. The usage of IIC ports on the expansion board is same with that of raspberry Pi, so we will skip here. • UART: The usage of UART ports on the expansion board is same with that of raspberry Pi, so we will skip here. • SPI: for using SPI interface, input the command to enable the Raspberry Pi IIC first: sudo raspi-config Select [Interfacing Options]-[I2C]-[Yes]-[OK]-[Finish].Restart the Raspberry Pi when completed these steps. The usage of SPI ports on the expansion board is same with that of raspberry Pi, so we will skip here. |