| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TMS320DM647 bảng dữ liệu(PDF) 90 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
TMS320DM647 bảng dữ liệu(HTML) 90 Page - Texas Instruments |
|
90 / 167 page ![]() www.ti.com TMS320DM647/TMS320DM648 Digital Media Processor SPRS372A – MAY 2007 – REVISED JUNE 2007 Table 6-25. DSP Interrupts (continued) DSP EVENT INTERRUPT SOURCE INTERRUPT NUMBER 91 Reserved Reserved 92 Reserved Reserved 93 Reserved Reserved 94 Reserved Reserved 95 Reserved Reserved 96 INTERR C64x+ Interrupt Controller Dropped CPU Interrupt Event 97 EMC_IDMAERR C64x+ EMC Invalid IDMA Parameters 98 Reserved Reserved 99 Reserved Reserved 100 EFIINTA EFI Interrupt from side A. 101 EFIINTB EFI Interrupt from side B 102 - 112 Reserved Reserved 113 L1P_ED L1P Single bit error detected during DMA read 114-115 Reserved Reserved 116 L2_ED1 L2 single bit error detected 117 L2_ED2 L2 two bit error detected 118 PDC_INT Power Down sleep interrupt 119 Reserved Reserved 120 L1P_CMPA L1P CPU memory protection fault 121 L1P_DMPA L1P DMA memory protection fault 122 L1D_CMPA L1D CPU memory protection fault 123 L1D_DMPA L1D DMA memory protection fault 124 L2_CMPA L2 CPU memory protection fault 125 L2_DMPA L2 DMA memory protection fault 126 IDMA_CMPA IDMA CPU memory protection fault 127 IDMA_BUSERR IDMA bus error interrupt Peripheral Information and Electrical Specifications 90 Submit Documentation Feedback |