công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AP68255Q bảng dữ liệu(PDF) 13 Page - Diodes Incorporated

tên linh kiện AP68255Q
Giải thích chi tiết về linh kiện  5.5V TO 80V INPUT AUTOMOTIVE GRADE, 2.5A AND 3.5A NON-SYNCHRONOUS BUCK CONVERTER
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  DIODES [Diodes Incorporated]
Trang chủ  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP68255Q bảng dữ liệu(HTML) 13 Page - Diodes Incorporated

Back Button AP68255Q Datasheet HTML 9Page - Diodes Incorporated AP68255Q Datasheet HTML 10Page - Diodes Incorporated AP68255Q Datasheet HTML 11Page - Diodes Incorporated AP68255Q Datasheet HTML 12Page - Diodes Incorporated AP68255Q Datasheet HTML 13Page - Diodes Incorporated AP68255Q Datasheet HTML 14Page - Diodes Incorporated AP68255Q Datasheet HTML 15Page - Diodes Incorporated AP68255Q Datasheet HTML 16Page - Diodes Incorporated AP68255Q Datasheet HTML 17Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
AP68255Q/AP68355Q
Document number: DS47151 Rev. 2 - 2
13 of 18
www.diodes.com
September 2025
© 2025 Copyright Diodes Incorporated. All Rights Reserved.
AP68255Q/AP68355Q
Application Information (continued)
Setting the Output Voltage
The output voltage can be adjusted from 1.2V using an external resistor divider. Table 1 shows a list of resistor selection for common output
voltages. An optional C4 of 10pF to 470pF can be used to boost the phase margin and improve stability as well as the transient performance. R2
in Figure 26 can be determined by the following equation:
������2 =
1.2������ ∙ ������1
������������������������ − 1.2������
Vout
FB
R1
R2
C4
Figure 26. Feedback Divider Network
Table 1. Recommended Component Selection
VOUT
(V)
R1 (kΩ) R2 (kΩ)
C1
(µF)
C2 (µF)
C4
(pF)
L1 (µH)
AP68255Q
AP68355Q
1.2
32.4
OPEN
10
2x22
47
5.6
3.3
2.5
32.4
30
10
2x22
47
10
8.2
3.3
52.3
30
10
2x22
47
15
10
5
95.3
30
10
2x22
68
33
15
12
270
30
10
2x22
150
68
33
24
191
10
10
2x22
150
82
47
Additional Ripple Network
The A ripple generation network uses an RC filter consisting of R5 and C5 across SW and VOUT to produce a triangular ramp that is in phase with
the inductor current. This triangular ramp is then AC-coupled into the FB node using C4 as shown in Figure 27. This configuration is suited for
applications where low output voltage ripple is crucial.
SW
BST
FB
R1
C4
R2
L
C3
100nF
C2
OUTPUT
D1
R5
C5
Figure 27. Added Ripple Network
Select C5 between 47nF to 100nF. Then set R5 to match the time constant of the inductor L by the following equation:
������5 =
������
������5 ∙ ������������������������
Where L is the inductance of the output inductor and the RDCR is the equivalent series resistance of the inductor. RDCR can be found in the typical
specification of the inductor. Then set C4 about tenth of C5 or less.
Input Capacitor
The input capacitor reduces the surge current drawn from the input supply and the switching noise from the device. The input capacitor must
sustain the ripple current produced during the on time on the upper MOSFET. It must hence have a low ESR to minimize the losses.
The RMS current rating of the input capacitor is a critical parameter that must be higher than the RMS input current. As a rule of thumb, select an
input capacitor which has RMs rating that is greater than half of the maximum load current.
Due to large di/dt through the input capacitors, electrolytic or ceramics should be used. If a tantalum must be used, it must be surge protected.
Otherwise, capacitor failure could occur. For most applications, a 10µF ceramic capacitor is sufficient and 0.1µF parallel capacitor is also
recommended for improving the stability. Higher C1 capacitance is recommended for applications where input line is noisy or got wide transient
such as
during “hot plug” event.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com