| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
STTS752F bảng dữ liệu(PDF) 32 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STTS752F bảng dữ liệu(HTML) 32 Page - STMicroelectronics |
|
32 / 38 page ![]() Package mechanical data STTS75 32/38 7 Package mechanical data In order to meet environmental requirements, ST offers these devices in ECOPACK® packages. These packages have a Lead-free second level interconnect. The category of second Level Interconnect is marked on the package and on the inner box label, in compliance with JEDEC Standard JESD97. The maximum ratings related to soldering conditions are also marked on the inner box label. ECOPACK is an ST trademark. ECOPACK specifications are available at: www.st.com. |