| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
JN2MS10SLK-R bảng dữ liệu(PDF) 2 Page - Japan Aviation Electronics Industry, Ltd. |
|
|
|||||||||||||||||||||||||||||
JN2MS10SLK-R bảng dữ liệu(HTML) 2 Page - Japan Aviation Electronics Industry, Ltd. |
|
2 / 3 page ![]() Contact Size X No. of Contacts #22*10 Applicable Wire (Cross- sectional Area of Conductor) Applicable Wire Insulation Diameter Polarizing Key Position Normal position Material of Contact copper alloy Finish of Contact in Connecting Area Gold plating Outer Shell Color Black Total Current Rating (A) Contact Resistance (milliohm) Dielectric Withstanding Voltage (1 minute) 900VAC Insulation Resistance 1,000MΩMIN Mating Cycles 500 times Operating Temperature Range -20 Deg. C to +100 Deg. C Applicable Contacts Applicable Housing Applicable Accessory Applicable Product Part Numbers Applicable Wire Diameter RoHS compliant 10 substances (2011/65/EU, (EU)2015/863) REACH compliant Combination JN1AS10ML1-R JN1AS10ML2-R JN1AS10UL1 JN1HS10PL2 JN1HS10PL3 JN1HS10PL3S JN1HS10PL4S |