| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
KIT33772CTPLEVB bảng dữ liệu(PDF) 2 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
KIT33772CTPLEVB bảng dữ liệu(HTML) 2 Page - NXP Semiconductors |
|
2 / 13 page ![]() NXP Semiconductors UM11562 KIT33772CTPLEVB Featuring the MC33772C battery cell controller IC 1 Getting started The NXP analog product development boards provide an easy-to-use platform for evaluating NXP products. These development boards support a range of analog, mixedsignal, and power solutions. These boards incorporate monolithic integrated circuits and system-in-package devices that use proven high-volume technology. NXP products offer longer battery life, a smaller form factor, reduced component counts, lower cost, and improved performance in powering state-of-the-art systems. The tool summary page for KIT33772CTPLEVB is at nxp.com/KIT33772CTPLEVB. The overview tab on this page provides an overview of the device, a list of device features, a description of the kit contents, links to supported devices and a Get Started section. The Get Started section provides information applicable to using the KIT33772CTPLEVB. 1. Go to nxp.com/KIT33772CTPLEVB. 2. On the Overview tab, locate the Jump To navigation feature on the left side of the window. 3. Select the Get Started link. 4. Review each entry in the Get Started section. 5. Download an entry by clicking on the linked title. After reviewing the Overview tab, visit the other related tabs for additional information: • Documentation: Download current documentation. • Software & Tools: Download current hardware and software tools. • Buy/Parametrics: Purchase the product and view the product parametrics. After downloading files, review each file, including the user guide, which includes setup instructions. If applicable, the Bill of Materials (BOM), suporting schematics, and layout are available via NXP DocStore. [6] 1.1 Kit contents/packing list The kit contents include: • Assembled and tested evaluation board/module in antistatic bag • Quick-start guide • One TPL cable 1.2 Required equipment To use this kit, you need: • A 3 to 6-cell battery pack, such as BATT-14AAAPACK, or a battery pack emulator, such as BATT-6EMULATOR 2 Getting to know the hardware 2.1 Board overview The KIT33772CTPLEVB serves as a hardware evaluation tool in support of NXP's MC33772C device. The MC33772C is a battery cell controller that monitors up to 6 lithium-ion battery cells. It is designed for use in both automotive and industrial applications. The device performs ADC conversion on the differential cell voltages and UM11562 All information provided in this document is subject to legal disclaimers. © NXP B.V. 2021. All rights reserved. User manual Rev. 1 — 12 March 2021 2 / 13 |