| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
DFR0511 bảng dữ liệu(PDF) 9 Page - DFROBOT |
|
|
|||||||||||||||||||||||||||||
DFR0511 bảng dữ liệu(HTML) 9 Page - DFROBOT |
|
9 / 42 page ![]() Software Arduino IDE Click to Download Arduino IDE from Arduino® Download and install the DFRobot_ePaper Library. (How to install the library?) Tip: 1. The lcd-image-converter.exe is located in the tool folder where the e-paper package is downloaded. 2. DFRobot _ ePaper also has a dependency library, the DFRobot _ ILI9488 Display library. Click to download. (Just unzip the package into the Arduino library file). Examples Hardware Connection Select D3 and D6 (D3 is the Ink Screen CS pin and D6 is the Font Library CS pin), and then plug the FireBeetle Cover-ePaper Display Module into the esp32.<bt> Demo Selection After selecting the port and board, click "File" in the Arduino menu to open "Example", select DFRobot _ ePaper-master, select DFRobot _ IL3895 _ SPI and open the demo in it. Graphic Display Sample Code #include "Arduino.h" #include "DFRobot_IL3895_SPI.h" DFRobot_IL3895_SPI epaper; #define EPAPER_CS D3 #define Font_CS D6 #define EPAPER_DC D8 #define EPAPER_BUSY D7 void setup(void) { Serial.begin(115200); epaper.begin(EPAPER_CS, Font_CS, EPAPER_DC, EPAPER_BUSY); //Select the corresponding pins epaper.fillScreen(WHITE);//Clear the screen and display white epaper.flush(FULL); //Refresh screen display /*Displays a string, black font*/ epaper.disString(0,0,1,"SPI",BLACK); |