| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
DFR0505 bảng dữ liệu(PDF) 11 Page - DFROBOT |
|
|
|||||||||||||||||||||||||||||
DFR0505 bảng dữ liệu(HTML) 11 Page - DFROBOT |
|
11 / 20 page ![]() Serial.println("Set baud rate......"); if(sim7000.setBaudRate(19200)){ //Set baud rate from 115200 to 19200 Serial.println("Set baud rate:19200"); }else{ Serial.println("Faile to set baud rate"); while(1); } mySerial.begin(19200); Serial.println("For example, if you type AT\\r\\n, OK\\r\\n will be re sponsed!"); Serial.println("Enter your AT command :"); } void loop() { mySerial.listen(); while(mySerial.available()){ Serial.write(mySerial.read()); } mySerial.flush(); while(Serial.available()){ mySerial.write(Serial.read()); } delay(20); } Input AT command to Uno serial port when the program runs and you can directly control SIM7000 with AT command. Click to download AT command sheet. Common AT command Introduction: |