| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PDIP46UCX bảng dữ liệu(PDF) 12 Page - Banner Engineering Corp. |
|
|
|||||||||||||||||||||||||||||
PDIP46UCX bảng dữ liệu(HTML) 12 Page - Banner Engineering Corp. |
|
12 / 42 page ![]() Fiber Systems 174 More information online at bannerengineering.com D12 Series D12 High-Power, 10-30V dc Models Sensing Mode/LED* Range Cable** Output Type Output Response Excess Gain Data Sheet D12SN6FPH PLASTIC FIBER Range varies by sensing mode and fiber optics used 2 m NPN 500 µs EGCP- 40 & EGCP-41 (p. 449) 34970 D12SN6FPHQ 4-Pin Pico Pigtail QD D12SP6FPH 2 m PNP D12SP6FPHQ 4-Pin Pico Pigtail QD D12 AC-Coupled, 10-30V dc Models Sensing Mode/LED* Range Cable** Output Type Output Response Data Sheet D12DAB6FV GLASS FIBER Range varies by Power Level/Speed Selection used and with fiber optics used. See data sheet part number 38384 for range information. 2 m Bipolar NPN/PNP 50 µs 38384 D12DAB6FVQ 4-Pin Pico Pigtail QD D12DAB6FP PLASTIC FIBER 2 m 50 µs D12DAB6FPQ 4-Pin Pico Pigtail QD * Visible Red LED ** For 9 m cable, add suffix W/30 to the 2 m model number (example, D12SN6FPH W/30). A model with a QD requires a mating cable (see page 378). D12 Expert™ Specifications Supply Voltage and Current 10 to 30V dc at 45 mA max. (exclusive of load); 10% max. ripple Supply Protection Circuitry Protected against reverse polarity and transient voltages Output Configuration NPN open collector (both outputs) or PNP open collector (both outputs), depending on model Load output: NO and programmable Light or Dark-Operate; Alarm output: NO Output Rating 150 mA max. each output Off-state leakage current: less than 10 µA at 30V dc On-state saturation voltage: less than 1 volt at 10 mA dc and less than 1.5 volts at 150 mA dc. The total load may not exceed 150 mA Output Protection Circuitry Protected against false pulse on power-up and short circuit of outputs (trips at 175 mA) Output Response Time 200 microseconds ON/OFF (40 milliseconds OFF when OFF-delay selected) (NOTE: False pulse protection circuit causes a 0.1 second delay on power-up) Output Operation Mode Light operate or dark operate: selected by push button Output Timing Functions ON/OFF (no delay) or fixed 40 millisecond OFF-delay; selected by push button Repeatability 66 microseconds Adjustments Push-button teach mode sensitivity setting; Remote teaching input is provided Indicators Green LED lights for DC power ON and flashes when ready for teach mode; 1 Hz when ready to learn first condition; 2 Hz for second condition Yellow LED lights for load output ON (conducting) 7-segment moving dot red LED display indicates relative received light signal strength, output program settings, relative contrast level and alarm Mounting Bracket D12 Sensors mount directly to a standard DIN rail, or may be through-hole mounted using the supplied mounting bracket and M3 x 0.5 hardware Download PDF Download PDF |