| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AP32 bảng dữ liệu(PDF) 4 Page - Juniper Networks, Inc. |
|
|
|||||||||||||||||||||||||||||
AP32 bảng dữ liệu(HTML) 4 Page - Juniper Networks, Inc. |
|
4 / 9 page ![]() Effortless, Cloud-Based Setup and Updates The AP32 series automatically connects to the Juniper Mist cloud, downloads its configuration, and joins the appropriate network. Firmware updates are retrieved and installed automatically, ensuring that the network is always up to date with new features, bug fixes, and security updates. Premium Analytics Juniper Mist Wi-Fi Assurance, User Engagement, and Asset Tracking services include a base analytics capability for analyzing up to 30 days of data, which enables you to simplify the process of extracting network insights across your enterprise. If you require dynamic insights like motion paths* and other third-party* data and would like the option of customized reports, the Juniper Mist Premium Analytics service is available as an additional subscription. Improves Battery Efficiency for IoT Devices By incorporating the 802.11ax target wake time (TWT) capability and Bluetooth 5.0, AP32 access points help extend the battery life of IoT devices, particularly as additional ones join the network. Dynamic Debugging Constantly monitor services running on the AP32 series and send alerts whenever a service behaves abnormally. Dynamic debugging relieves IT of having to worry about an AP going offline or any services running on it becoming unavailable. Juniper Mist Edge Juniper Mist Edge is an on-premises appliance that runs a tunnel termination service. Juniper APs offer a flexible data plane. Traffic can be broken out locally, or tunneled to Juniper Mist Edge. There are many use cases the Juniper Mist Edge solves, including seamless mobility in large campus environments, tunneling of guest traffic to a DMZ, IoT segmentation, and teleworker. Learn more about Juniper Mist Edge. AP32 Access Point Datasheet 4 |