công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AP12 bảng dữ liệu(PDF) 4 Page - Juniper Networks, Inc.

tên linh kiện AP12
Giải thích chi tiết về linh kiện  AP12 ACCESS POINT DATASHEET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  JUNIPER [Juniper Networks, Inc.]
Trang chủ  https://www.juniper.net/us/en.html
Logo JUNIPER - Juniper Networks, Inc.

AP12 bảng dữ liệu(HTML) 4 Page - Juniper Networks, Inc.

  AP12 Datasheet HTML 1Page - Juniper Networks, Inc. AP12 Datasheet HTML 2Page - Juniper Networks, Inc. AP12 Datasheet HTML 3Page - Juniper Networks, Inc. AP12 Datasheet HTML 4Page - Juniper Networks, Inc. AP12 Datasheet HTML 5Page - Juniper Networks, Inc. AP12 Datasheet HTML 6Page - Juniper Networks, Inc. AP12 Datasheet HTML 7Page - Juniper Networks, Inc. AP12 Datasheet HTML 8Page - Juniper Networks, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Effortless, Cloud-Based Setup and Updates
The AP12 access point automatically connects to the Juniper Mist
cloud, downloads its configuration, and joins the appropriate
network. Firmware updates are retrieved and installed
automatically, ensuring that the network is always up to date with
new features, bug fixes, and security updates.
Premium Analytics
Juniper Mist Wireless Assurance, User Engagement, and Asset
Visibility services include a base analytics capability for analyzing up
to 30 days of data, which enables you to simplify the process of
extracting network insights across your enterprise. If you require
dynamic insights like motion paths1 and other third-party1 data and
would like the option of customized reports, the Juniper Mist
Premium Analytics service is available as an additional subscription.
Improves Battery Efficiency for IoT Devices
The AP incorporates the 802.11ax target wake time (TWT)
capability and Bluetooth 5.0, which together extend IoT devices’
battery life as new IoT devices join the network.
Dynamic Debugging
Constantly monitor services running on the AP12 model and send
alerts whenever a service behaves abnormally. Dynamic debugging
relieves IT of having to worry about an AP going offline or any
services running on it becoming unavailable.
Juniper Mist Edge
Juniper APs offer a flexible data plane. Juniper Mist Edge is an on-
premises appliance that runs a tunnel termination service. Traffic
can be broken out locally or tunneled to Juniper Mist Edge. Juniper
Mist Edge use cases include seamless mobility in large campus
environments, tunneling of guest traffic to a DMZ, IoT
segmentation, and teleworker services.
Specifications
Wi-Fi Standard
802.11ax (Wi-Fi 6), including support for OFDMA, 1024-QAM,
MU-MIMO, Target Wake Time (TWT), and Spatial Frequency
Reuse (BSS Coloring). Backwards compatibility with
802.11a/b/g/n/ac
Combined Highest
Supported Data Rates
1.8 Gbps
2.4 GHz
2x2:2 802.11b/g/n up to 400 Mbps data rate; 2x2 : 2 802.11ax
up to 575 Mbps data rate
5 GHz
2x2:2 802.11ax up to 1,200 Mbps data rate
MIMO Operation
Two spatial stream Single User (SU) MIMO for up to 1,200 Mbps
wireless data rate to individual 2x2 HE80 Two spatial stream
Multi User (MU) MIMO for up to 1,200 Mbps wireless data rate
to up to four MUMIMO-capable client devices simultaneously
AP12 Access Point Datasheet
4



Html Pages

1 2 3 4 5 6 7 8


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com