công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

S25FL016A0LMAI011 bảng dữ liệu(PDF) 3 Page - SPANSION

tên linh kiện S25FL016A0LMAI011
Giải thích chi tiết về linh kiện  16 Megabit CMOS 3.0 Volt Flash Memory with 50-MHz SPI (Serial Peripheral Interface) Bus
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SPANSION [SPANSION]
Trang chủ  http://www.spansion.com
Logo SPANSION - SPANSION

S25FL016A0LMAI011 bảng dữ liệu(HTML) 3 Page - SPANSION

  S25FL016A0LMAI011 Datasheet HTML 1Page - SPANSION S25FL016A0LMAI011 Datasheet HTML 2Page - SPANSION S25FL016A0LMAI011 Datasheet HTML 3Page - SPANSION S25FL016A0LMAI011 Datasheet HTML 4Page - SPANSION S25FL016A0LMAI011 Datasheet HTML 5Page - SPANSION S25FL016A0LMAI011 Datasheet HTML 6Page - SPANSION S25FL016A0LMAI011 Datasheet HTML 7Page - SPANSION S25FL016A0LMAI011 Datasheet HTML 8Page - SPANSION S25FL016A0LMAI011 Datasheet HTML 9Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 36 page
background image
This document states the current technical specifications regarding the Spansion product(s) described herein. Spansion Inc. deems the products to have been in sufficient pro-
duction volume such that subsequent versions of this document are not expected to change. However, typographical or specification corrections, or modifications to the valid com-
binations offered may occur.
Publication Number S25FL016A_00
Revision C
Amendment 3
Issue Date January 7, 2008
Distinctive Characteristics
Architectural Advantages
Single power supply operation
– Full voltage range: 2.7 to 3.6 V read and program operations
Memory Architecture
– Thirty-two sectors with 512 Kb each
Program
– Page Program (up to 256 bytes) in 1.4 ms (typical)
– Program operations are on a page by page basis
Erase
– 0.5 s typical sector erase time
– 10 s typical bulk erase time
Cycling Endurance
– 100,000 cycles per sector typical
Data Retention
– 20 years typical
Device ID
– JEDEC standard two-byte electronic signature
– RES command one-byte electronic signature for backward
compatibility
Process Technology
– Manufactured on 0.20 µm MirrorBit
® process technology
Package Option
– Industry Standard Pinouts
– 16-pin SO package (300 mils)
– 8-pin SO package (208 mils)
– 8-Contact WSON Package (6x8 mm), Pb Free
Performance Characteristics
Speed
– 50 MHz clock rate (maximum)
Power Saving Standby Mode
– Standby Mode 50 µA (max)
– Deep Power Down Mode 1.3 µA (typical)
Memory Protection Features
Memory Protection
– W# pin works in conjunction with Status Register Bits to protect
specified memory areas
– Status Register Block Protection bits (BP2, BP1, BP0) in status
register configure parts of memory as read-only
Software Features
– SPI Bus Compatible Serial Interface
General Description
The S25FL016A is a 3.0 Volt (2.7 V to 3.6 V), single-power-supply Flash memory device. The device consists
of thirty-two sectors, each with 512 Kb memory.
The device accepts data written to SI (Serial Input) and outputs data on SO (Serial Output). The devices are
designed to be programmed in-system with the standard system 3.0 volt VCC supply.
The memory can be programmed 1 to 256 bytes at a time, using the Page Program command. The device
supports Sector Erase and Bulk Erase commands.
Each device requires only a 3.0 volt power supply (2.7 V to 3.6 V) for both read and write functions. Internally
generated and regulated voltages are provided for the program operations. This device does not require a
VPP supply.
S25FL016A
16 Megabit CMOS 3.0 Volt Flash Memory
with 50-MHz SPI (Serial Peripheral Interface) Bus
Data Sheet



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com