| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
DFR0334 bảng dữ liệu(PDF) 4 Page - DFROBOT |
|
|
|||||||||||||||||||||||||||||
DFR0334 bảng dữ liệu(HTML) 4 Page - DFROBOT |
|
4 / 7 page ![]() This is DFRobot's Gravity Interface. Digital and analog connections are easy to recognize and support most of DFRobot's I/O expansion shields and modules. Search "Gravity" in the DFRobot store to find compatible modules. VCC Jumper Caps There are two Jump caps, you can change the position of two caps for the different VCC power input. See the following schematic for details: The middle pin is the shield VCC pin. If you connect caps on the left side, VCC pins get power from the shield external port; If you connect caps on the right side, VCC pins get power from the board 5V port; This is suitable for some applications that require greater current. |