công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

DFR0327 bảng dữ liệu(PDF) 2 Page - DFROBOT

tên linh kiện DFR0327
Giải thích chi tiết về linh kiện  Arduino Shield for Raspberry Pi 2B and 3B SKU:DFR0327
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  DFROBOT [DFROBOT]
Trang chủ  https://www.dfrobot.com/
Logo DFROBOT - DFROBOT

DFR0327 bảng dữ liệu(HTML) 2 Page - DFROBOT

  DFR0327 Datasheet HTML 1Page - DFROBOT DFR0327 Datasheet HTML 2Page - DFROBOT DFR0327 Datasheet HTML 3Page - DFROBOT DFR0327 Datasheet HTML 4Page - DFROBOT DFR0327 Datasheet HTML 5Page - DFROBOT DFR0327 Datasheet HTML 6Page - DFROBOT DFR0327 Datasheet HTML 7Page - DFROBOT DFR0327 Datasheet HTML 8Page - DFROBOT  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Specification
Onboard Microcontroller: ATmega32u4
Arduino Leonardo Chip
Arduino Compatible pin mapping
Compatible with All arduino standard shield and sensors
System Voltage: 5v
Arduino Digital I/O: 20
Arduino Analog I/O: 6
Raspberry Pi B+ GPIO : 16
Raspberry Pi B+ I2C: 1
Raspberry Pi B+ ID_I2C: 1
Raspberry Pi B+ SPI: 1
Raspberry Pi B+ TTL UART: 1
Dimension: 88mm x 56mm x 26mm
Features
Integrate with the Xbee socket
Available to be connected to Arduino or Raspberry Pi B+ directly either
Compatible with BLE Link(BT4.0)/Bluetooth Bee(BT2.1) and xbee modules
Embeded DS1307 RTC module,which keeps time of the Pi even when the power is off, or the
battery removed
Bidirectional logic converter for Raspberry Pi B+ GPIO to convert signal between 3.3v and 5v
3 pin headers sensor port for Arduino pins and B+ GPIO, directly compatible with hundreds of
Arduino sensors and modules,like:
Relay Module V3.1 for IOT AC control
Analog pH Meter Kit for monitoring Water quality of your pool
SHT1x Humidity and Temperature Sensor
Motion Sensor for security and human detection
And so on...
Arduino shield compatible layout makes it possible to extend Arduino shield features for your Pi also,
A nice and low cost LCD12864 display
2A Motor Shield for robot building
Dual Bipolar Stepper Motor Shield
GSM/GPRS and GPS Shield



Html Pages

1 2 3 4 5 6 7 8


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com