| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
DFR0221 bảng dữ liệu(PDF) 1 Page - DFROBOT |
|
|
|||||||||||||||||||||||||||||
DFR0221 bảng dữ liệu(HTML) 1 Page - DFROBOT |
|
1 / 5 page ![]() DFRobot Leonardo with Xbee R3(SKU:DFR0221) Contents 1 Introduction 2 Specification 3 Leonardo Pin Out 4 Xbee Tutorial 4.1 Sample Code 5 Connection diagram Introduction DFRduino Leonardo DFRobot Leonardo with Xbee socket is an Arduino Leonardo variant processor.The Arduino Leonardo is based on the ATmega32u4 chip. It is the latest addition to the Arduino family. Compared with the earlier Arduino controllers,by using the ATmega32U4 as its sole microcontroller, allows the Leonardo to be cheaper and simpler to use.Also, because the 32U4 is handling the USB directly, code libraries are available which allow the board to emulate a computer keyboard, mouse, and more using the USB-HID protocol! Notice:This board is only supported in the latest Arduino IDE 1.0.1 or later version so you will also need to update the IDE. |
Số phần tương tự - DFR0221 |
|
Mô tả tương tự - DFR0221 |