| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
DFR0210 bảng dữ liệu(PDF) 7 Page - DFROBOT |
|
|
|||||||||||||||||||||||||||||
DFR0210 bảng dữ liệu(HTML) 7 Page - DFROBOT |
|
7 / 12 page ![]() If you need Bee1 working with the software serial port, and Bee2 working with the hardware serial port, you can change the jumpers and switches like so: Sample Code /* # This sample code is used to test the Bees shield. # Editor : Mickey # Ver : 1.0 # Product: Bees shield # SKU : DFR0210 # The circuit: software RX is digital pin 2 (connect to TX of Bee1 device) software TX is digital pin 3 (connect to RX of Bee1 device) */ #include <SoftwareSerial.h> SoftwareSerial mySerial(2, 3); // UNO RX -- Bee TX, UNO TX -- Bee RX void setup() { Serial.begin(115200); mySerial.begin(115200); delay(50); |