| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PDIPF4100UX bảng dữ liệu(PDF) 23 Page - Banner Engineering Corp. |
|
|
|||||||||||||||||||||||||||||
PDIPF4100UX bảng dữ liệu(HTML) 23 Page - Banner Engineering Corp. |
|
23 / 42 page ![]() Fiber Systems 185 More information online at bannerengineering.com Plastic Fiber Optics WORLD-BEAM® QS18 MINI-BEAM® Expert™ Discrete Bargraph Super High Speed High Speed High Power Super High Power D10 SERIES FI22 0.5 12 PBEFP26U Detailed Dimensions Online 20.0 2.0 2X ø 1.0 polyethylene stainless steel 15.0 2000 ø 1.65 ø 4.0 ø 1.27 20 140 40 60 80 100 120 160 • Smooth ferrule; non-bendable tip 0.25 8 PBFMP16UMP.2 Detailed Dimensions Online 5.0 ø 3.0 ø 0.82 2X ø 1.0 polyethylene stainless steel 15.0 2000 525 10 15 20 30 • Smooth ferrule; non-bendable tip 0.25 8 PBP16U Detailed Dimensions Online 2X ø 1.0 polyethylene 11.0 5.0 bendable area 10.0 63 2000 M3 x 0.5 nickel plated brass ø 0.81 annealed stainless steel (bendable) probe 525 10 15 20 30 • Thread; bendable tip 0.5 12 PBP26U Detailed Dimensions Online 2X ø 1.0 polyethylene 11.0 89 2000 M3 x 0.5 nickel plated brass ø 1.47 annealed stainless steel (bendable) probe 20 140 40 60 80 100 120 160 • Thread; bendable tip 1.0 25 PBP46U Detailed Dimensions Online 2X ø 2.2 polyethylene 17.0 89.0 2000 M6 x 0.75 nickel plated brass ø 3.0 annealed stainless steel (bendable) probe 50 250 100 150 200 300 • Thread; bendable tip 0.5 12 PBPF26U Detailed Dimensions Online 2X ø 1.0 polyethylene 15.0 2000 M4 x 0.7 stainless steel ø 1.27 65 5.0 2.0 bendable area 10.0 ø 1.65 annealed stainless steel (bendable) probe 20 140 40 60 80 100 120 160 • Thread; bendable tip 0.5 12 PBPF26UMB Detailed Dimensions Online aluminum ø 1.27 2000 10.0 3.0 15.0 65 2X ø 1.0 polyethylene 2.0 ø 1.65 annealed stainless steel (bendable) probe 2X ø 3.4 2X ø 0.5 20 140 40 60 80 100 120 160 • Flat mounting block; bendable tip 0.75 20 PBPMSB36U Detailed Dimensions Online 2X ø 2.2 polyethylene stainless steel 15.0 2000 5.0 bendable area 10.0 2.30 2.50 65 ø 2.1 ø 4.8 annealed stainless steel (bendable) probe 10 70 20 30 40 50 60 80 • Smooth ferrule; bendable tip 0.5 12 PBPS26U Detailed Dimensions Online 2X ø 1.0 polyethylene 2000 stainless steel 14.0 2.5 3.0 51 ø 1.47 ø 3.2 10 40 20 30 50 • Smooth ferrule; non-bendable tip 1.0 25 PBPS46U Detailed Dimensions Online 2X ø 2.2 polyethylene stainless steel 14.0 2000 3.0 3.2 51 ø 3.0 ø 5.1 stainless steel (non-bendable) probe 20 140 40 60 80 100 120 160 • Smooth ferrule; non-bendable tip 1.0 25 PBPS46UMT Detailed Dimensions Online 3.0 3.2 ø 3.0 stainless steel (non-bendable) probe 2X ø 2.2 polyethylene 14.0 2000 M6 x 0.75 nickel plated brass 51 20 140 40 60 80 100 120 160 • Thread; non-bendable tip 1.5 38 PBPS66U Detailed Dimensions Online 2X ø 2.2 polyethylene stainless steel 14.0 2000 2.5 3.0 51 ø 3.8 ø 5.1 stainless steel (non-bendable) probe 50 350 100 150 200 250 300 400 • Smooth ferrule; non-bendable tip CORE DIA. MIN. BEND MODEL NUMBER DRAWING & DIMENSIONS (mm) RADIUS (mm) FEATURES TYPICAL RANGE (mm) Indicates fiber can be Free Cut using Fiber Cutter. See page 197. NA: WORLD-BEAM QS18 not recommended. |