công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

KW2D-R100Q4E bảng dữ liệu(PDF) 2 Page - IDEC Corporation

tên linh kiện KW2D-R100Q4E
Giải thích chi tiết về linh kiện  ø22 SMART RFID READER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  IDEC [IDEC Corporation]
Trang chủ  https://us.idec.com/
Logo IDEC - IDEC Corporation

KW2D-R100Q4E bảng dữ liệu(HTML) 2 Page - IDEC Corporation

  KW2D-R100Q4E Datasheet HTML 1Page - IDEC Corporation KW2D-R100Q4E Datasheet HTML 2Page - IDEC Corporation KW2D-R100Q4E Datasheet HTML 3Page - IDEC Corporation KW2D-R100Q4E Datasheet HTML 4Page - IDEC Corporation KW2D-R100Q4E Datasheet HTML 5Page - IDEC Corporation KW2D-R100Q4E Datasheet HTML 6Page - IDEC Corporation KW2D-R100Q4E Datasheet HTML 7Page - IDEC Corporation KW2D-R100Q4E Datasheet HTML 8Page - IDEC Corporation KW2D-R100Q4E Datasheet HTML 9Page - IDEC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
ø22 KW2DSeries
Compact and smart design ideal for factory automation environments
IP65/67-rated to
protect from
washdowns and
oil spills.
Mounts on ø22mm
panel cut-out
Designed to
work on metal
surfaces often
used at factory
automation sites.
* Actual size
Front unit:
43.6 × 43.6mm
Panel front height: 9.0mm
Back unit:
40.0 × 40.0mm
Depth: 48.5mm
Equipped with an LED easily
visible from the side and an
auxiliary buzzer, the RFID reader
enables visible and audible
feedback on operation status.
Verification - Success
Verification - Error
Standby
Front
Side
* Can be controlled from a host device (such as a
touch panel or PLC).
Can be used for IC
cards, such as
employee IDs (*1).
*1 Mifare, FeliCa, etc.
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16