| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
DFR0063 bảng dữ liệu(PDF) 4 Page - DFROBOT |
|
|
|||||||||||||||||||||||||||||
DFR0063 bảng dữ liệu(HTML) 4 Page - DFROBOT |
|
4 / 6 page ![]() Library Support Functions LiquidCrystal_I2C() //set the LCD address for a 16 chars and 2 line display init() //Initialization for the LCD clear() //clear display, set cursor position to zero home() //set cursor position to zero createChar() //Fill the first 8 CGRAM locations with custom characters setCursor() //set the position of the cursor cursor() //Turns the underline cursor on noCursor() //Turns the underline cursor off blink() //Turn on the blinking cursor noBlink() //Turn off the blinking cursor display() //Turn the display on(quickly) noDisplay() //Turn the display 0ff(quickly) backlight() //Turn the backlight on noBacklight() //Turn the backlight off scrollDisplayLeft() //Make the display scroll left without changing the RAM scrollDisplayRight() //Make the display scroll right without changing the RAM autoscroll() //This will 'right justify' text from the cursor noAutoscroll() //This will 'left justify' text from the cursor leftToRight() //This is for text that flows Left to Right rightToLeft() //This is for text that flows Right to Left Sample Code Download Sample code and library //DFRobot.com //Compatible with the Arduino IDE 1.0 //Library version:1.1 #include <Wire.h> #include <LiquidCrystal_I2C.h> LiquidCrystal_I2C lcd(0x20,16,2); // set the LCD address to 0x20 for a 16 chars and 2 line display void setup() { lcd.init(); // initialize the lcd |