công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PDIFMP63UX bảng dữ liệu(PDF) 4 Page - Banner Engineering Corp.

tên linh kiện PDIFMP63UX
Giải thích chi tiết về linh kiện  Fiber Optic Systems
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  BANNER [Banner Engineering Corp.]
Trang chủ  https://www.bannerengineering.com/us/en.html
Logo BANNER - Banner Engineering Corp.

PDIFMP63UX bảng dữ liệu(HTML) 4 Page - Banner Engineering Corp.

  PDIFMP63UX Datasheet HTML 1Page - Banner Engineering Corp. PDIFMP63UX Datasheet HTML 2Page - Banner Engineering Corp. PDIFMP63UX Datasheet HTML 3Page - Banner Engineering Corp. PDIFMP63UX Datasheet HTML 4Page - Banner Engineering Corp. PDIFMP63UX Datasheet HTML 5Page - Banner Engineering Corp. PDIFMP63UX Datasheet HTML 6Page - Banner Engineering Corp. PDIFMP63UX Datasheet HTML 7Page - Banner Engineering Corp. PDIFMP63UX Datasheet HTML 8Page - Banner Engineering Corp. PDIFMP63UX Datasheet HTML 9Page - Banner Engineering Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 42 page
background image
Fiber Systems
166 More information online at bannerengineering.com
PLASTIC FIBER
D10 Series
Redefining
High-Performance
Fiber Optic Sensing
• Features advanced fiber optic amplifier for use
with plastic fibers
• Available with visible red or green beam
• Delivers high-performance, low-contrast
sensing with automatic TEACH options or
manual adjustment
• Available in bipolar, dual-discrete, and analog/
discrete output models
Expert Models:
• 4-digit TEACH and signal strength display or
bargraph readout
• Operating status indicators
• Easy-to-set static, dynamic and single-point
programming
• Manual fine tuning
• Remote configuration, using TEACH wire
D10 Series
BRACKETS
PAGE 350
QD CABLES
PAGE 378 & 379
4- & 6-Pin Pico
D10 Expert with Numeric Display. . . . . . . . . . . . . . . . Page 167
D10 Expert with Bargraph Display . . . . . . . . . . . . . . . . . . . . 168
D10 Discrete Output. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 168
Expert Dual-Discrete Outputs
• Two configurable individual setpoints
• Current sourcing (PNP) or current sinking (NPN)
Expert Analog & Discrete Outputs
• Two configurable individual setpoints: one for
analog and one for discrete output
• Current sourcing (PNP) or current sinking (NPN)
• One 4-20 mA current analog output or 0-10V dc
voltage analog output
Expert Advanced LED Display
• Configuration and performance indicator
• Quick and easy setup
• Constant status monitoring in RUN mode
Discrete
Discrete
Analog
Discrete
D10
Expert with Numeric Display
• Numeric display of signal strength and operating status
• Two output options: two discrete outputs in the same sensor; or
discrete output and either a 4-20 mA current or a 0-10V dc
voltage analog output in the same sensor
D10
Expert with Bargraph Display
• Easy-to-read 8-segment light bar display indicator for TEACH
and signal strength
• Bipolar discrete outputs: one current sourcing (PNP) and one
current sinking (NPN)
D10 Discrete Output
• 15-turn manual sensitivity adjustment
• Pulse rate LED indicator for signal strength
• Bipolar discrete outputs: one current sourcing (PNP) and one
current sinking (NPN)
PLASTIC FIBERS
PAGE 182



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42