công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PDIPF43UX bảng dữ liệu(PDF) 2 Page - Banner Engineering Corp.

tên linh kiện PDIPF43UX
Giải thích chi tiết về linh kiện  Fiber Optic Systems
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  BANNER [Banner Engineering Corp.]
Trang chủ  https://www.bannerengineering.com/us/en.html
Logo BANNER - Banner Engineering Corp.

PDIPF43UX bảng dữ liệu(HTML) 2 Page - Banner Engineering Corp.

  PDIPF43UX Datasheet HTML 1Page - Banner Engineering Corp. PDIPF43UX Datasheet HTML 2Page - Banner Engineering Corp. PDIPF43UX Datasheet HTML 3Page - Banner Engineering Corp. PDIPF43UX Datasheet HTML 4Page - Banner Engineering Corp. PDIPF43UX Datasheet HTML 5Page - Banner Engineering Corp. PDIPF43UX Datasheet HTML 6Page - Banner Engineering Corp. PDIPF43UX Datasheet HTML 7Page - Banner Engineering Corp. PDIPF43UX Datasheet HTML 8Page - Banner Engineering Corp. PDIPF43UX Datasheet HTML 9Page - Banner Engineering Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 42 page
background image
Fiber Systems
164 More information online at bannerengineering.com
Fiber Systems
Two-part fiber systems include the sensor and the separately
purchased application-specific fiber.
1. Sensors
The sensor contains all the electronics, the amplifier and the
mechanical interface to the fiber. Some models are sealed and
rated IP67 to mount directly on a machine; other are designed
to be DIN-rail mounted in a centralized control enclosure.
2. Fibers
Sensing fibers are non-electronic, light-transmitting, optical-
quality glass or plastic strands encased in cladding that reflects
light to the core. Fibers transmit and/or receive light from the
LED of a sensor. Glass fibers are arranged in bundles, and
plastic fibers are typically packaged as monofilaments with a
protective jacket of polyethylene, PVC, stainless-steel braid or
other material. Fiber sensing tips have a wide variety of shapes
and configurations.
When to Use Fiber Systems
• Confined areas. The small size and flexibility of fibers
allows precise positioning where space is limited.
• High temperatures. Fiber optic assemblies can tolerate
elevated temperatures—in some cases as high as 480° C.
• High vibration and shock. The low mass of fibers enables
them to withstand extreme vibration and mechanical shock.
• Corrosive and wet environments. Special purpose
fibers withstand corrosive materials, moisture and even
repeated washdown.
• Explosive environments. Fibers are passive and can
safely pipe light to and from hazardous areas.
• Noisy environments. Fibers are non-electronic mechanical
components and are completely immune to electrical noise.
• Unique target shapes and requirements. Fiber optic
sensing heads can be custom designed and optimally shaped to
the physical and optical requirements of a specific application.
Typical Applications
• Punch presses
• Tablet counting
• Vibratory feeders • Ovens
• Conveyors
• Semiconductor processing equipment
• Web control
• Liquid level
Compare & select fiber optic sensors online: www.bannerengineering.com/iselect
System Overview
The broadest selection of fiber
sensors in the world.
Sensor Model
Models for
Plastic Fibers
Page Number
Models for
Glass Fibers
Page
Number
WORLD-BEAM®
page 70
page 70
MINI-BEAM®
page 77
page 77
Q23/QH23
page 90
QM42
page 136
Q45
page 142
page 142
OMNI-BEAM®
page 155
page 155
D10
page 166
D12
page 172
page 172
R55F
page 177
page 177
FI22
page 180
D11
page 32
ECONO-BEAM®
page 32
page 32
MAXI-BEAM®
page 33
page 33
MULTI-BEAM®
page 33
PC44
See data sheet
p/n 32910
VALU-BEAM®
page 32
page 32
SM512
page 33



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42