| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
DFR0004 bảng dữ liệu(PDF) 11 Page - DFROBOT |
|
|
|||||||||||||||||||||||||||||
DFR0004 bảng dữ liệu(HTML) 11 Page - DFROBOT |
|
11 / 13 page ![]() Fig5: PLL Motor Control Pin Allocation Configuration Sample Code: //Standard DLL Speed control int E1 = 4; //M1 Speed Control int E2 = 7; //M2 Speed Control int M1 = 5; //M1 Direction Control int M2 = 6; //M1 Direction Control ///For previous Romeo, please use these pins. //int E1 = 6; //M1 Speed Control //int E2 = 9; //M2 Speed Control //int M1 = 7; //M1 Direction Control //int M2 = 8; //M1 Direction Control //When m1p/m2p is 127, it stops the motor //when m1p/m2p is 255, it gives the maximum speed for one direction //When m1p/m2p is 0, it gives the maximum speed for reverse direction void DriveMotorP(byte m1p, byte m2p)//Drive Motor Power Mode |