| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
8167 bảng dữ liệu(PDF) 1 Page - Keystone Electronics Corp. |
|
|
|||||||||||||||||||||||||||||
8167 bảng dữ liệu(HTML) 1 Page - Keystone Electronics Corp. |
|
|
1 / 1 page ![]() 126 Tel (718) 956-8900 • Fax (718) 956-9040 (800) 221-5510 • kec@keyelco.com www.keyelco.com 31-07 20th Road – Astoria, NY 11105-2017 RoHS COMPLIANT ~ ISO 9001 CERTIFIED ® STEEL CABLE CLAMPS STEEL HALF CLAMPS INSULATED STEEL CABLE CLAMPS INSULATED STEEL HALF CLAMPS MATERIAL: .032 (.81) Steel, Zinc Plate CAT. D L NO. FOR DIA. CTR TO CTR 8100 .187 (4.7) .375 (9.5) 8101 .250 (6.4) .406 (10.3) 8102 .312 (7.9) .437 (11.1) 8103 .375 (9.5) .468 (11.9 ) 8104 .437 (11.1) .500 (12.7) 8105 .500 (12.7) .531 (13.5) 8106 .562 (14.4) .562 (14.3) 8107 .625 (15.9) .594 (15.1) 8108 .687 (17.4) .625 (15.9) 8109 .750 (19.0) .656 (16.7) 8110 .812 (20.6) .687 (11.4) 8111 .875 (22.2) .718 (18.2) 8112 .937 (23.8) .750 (19.1) 8113 1.00 (25.4) .781 (19.8) MATERIAL: Steel, Zinc Plate CAT. D H L G W NO. FOR DIA. HOLE DIA. CTR TO CTR B THICK WIDTH 8140 .125 (3.2) .218 (5.5) .437 (11.1) .125 (3.2) 8141 .187 (4.7) .218 (5.5) .437 (11.1) .156 (4.0) .032 (.81) .500 (12.7) 8142 .250 (6.4) .218 (5.5) .437 (11.1) .187 (4.7) 8143 .312 (7.9) .218 (5.5) .500 (12.7) .250 (6.4) .048 (1.22) .500 (12.7) 8144 .375 (9.5) .218 (5.5) .531 (13.5) .312 (7.9) .048 (1.22) .625 (15.9) 8145 .437 (11.1) .218 (5.5) .562 (14.3) .375 (9.5) 8146 .500 (12.7) .218 (5.5) .625 (15.9) .437 (11.1) 8147 .562 (14.3) .218 (5.5) .687 (17.4) .500 (12.7) .060 (1.52) .625 (15.9) 8148 .625 (15.9) .218 (5.5) .750 (19.1) .562 (14.3) 8149 .687 (17.4) .218 (5.5) .812 (20.6) .625 (15.9) 8150 .750 (19.1) .218 (5.5) .812 (20.6) .687 (17.4) .060 (1.52) .625 (15.9) 8151 .812 (20.6) .218 (5.5) .875 (22.2) .750 (19.1) 8152 .875 (22.2) .281 (7.1) .937 (23.8) .812 (20.6) 8153 .937 (23.8) .281 (7.1) .968 (24.6) .812 (20.6) .060 (1.52) .750 (19.1) 8154 1.000 (25.4) .281 (7.1) 1.000 (25.4) .937 (23.8) MATERIAL: .032 (.81) Steel, Zinc Plate Cushion: Black Vinyl MATERIAL: Steel, Zinc Plate Cushion: Black Vinyl CAT. D L NO. FOR DIA. CTR TO CTR 8121 .187 (4.7) .406 (10.3) 8122 .250 (6.4) .437 (11.1) 8123 .312 (7.9) .468 (11.9) 8124 .375 (9.5) .500 (12.7) 8125 .437 (11.1) .531 (13.5) 8126 .500 (12.7) .562 (14.3) 8127 .562 (14.3) .594 (15.1) 8128 .625 (15.9) .625 (15.9) 8129 .687 (17.4) .656 (16.7) 8130 .750 (19.1) .687 (17.4) 8131 .812 (20.6) .718 (18.2) 8132 .875 (22.2) .750 (19.1) 8133 .937 (23.8) .781 (19.8) 8134 1.000 (25.4) .812 (20.6) D L .218 [5.6] .500 [12.7] .203 [5.2] DIA. B L W D G H W L B D G H .500 [12.7] D L .218 [5.6] .203 [5.2] DIA. Ideal for securing, insulating and routing cable, wiring, piping, tubing, components and fibre optics. Ideal for securing, insulating and routing cable, wiring, piping, tubing, components and fibre optics. Ideal for securing, grounding and routing cable, wiring, piping, tubing, components and fibre optics. Ideal for securing, grounding and routing cable, wiring, piping, tubing, components and fibre optics. CAT. D H L G W NO. FOR DIA. HOLE DIA. CTR TO CTR B THICK WIDTH 8160 .187 (4.7) .218 (5.5) .437 (11.1) .187 (4.7) .032 (.81) .500 (12.7) 8161 .250 (6.4) .218 (5.5) .500 (12.7) .250 (6.4) .048 (1.22) .500 (12.7) 8162 .312 (7.9) .218 (5.5) .531 (13.5) .312 (7.9) .048 (1.22) .625 (15.9) 8163 .375 (9.5) .218 (5.5) .562 (14.3) .375 (9.5) 8164 .437 (11.1) .218 (5.5) .625 (15.9) .437 (11.1) 8165 .500 (12.7) .218 (5.5) .687 (17.4) .500 (12.7) 8166 .562 (14.3) .218 (5.5) .750 (19.1) .562 (14.3) .060 (1.52) .625 (15.9) 8167 .625 (15.9) .218 (5.5) .812 (20.6) .625 (15.9) 8168 .687 (17.4) .218 (5.5) .812 (20.6) .687 (17.4) 8169 .750 (19.1) .218 (5.5) .875 (22.2) .750 (19.1) 8170 .812 (20.6) .281 (7.1) .937 (23.8) .812 (20.6) 8171 .875 (22.2) .281 (7.1) .968 (24.6) .812 (20.6) .060 (1.52) .750 (19.1) 8172 .937 (23.8) .281 (7.1) 1.000 (25.4) .937 (23.8) 8173 1.000 (25.4) .281 (7.1) 1.062 (27.0) 1.000 (25.4) M60Section8FREV1B1_11-2011 4/4/13 5:44PM Page126 |
Số phần tương tự - 8167 |
|
Mô tả tương tự - 8167 |