| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
LSM6DSR/X bảng dữ liệu(PDF) 18 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
LSM6DSR/X bảng dữ liệu(HTML) 18 Page - STMicroelectronics |
|
18 / 32 page ![]() 18 Inertial measurement units (IMU) combine an accelerometer and a gyroscope in a compact 6-axis system. The integration of multiple sensor outputs bring motion sensing systems to the level of accuracy required for the most demanding applications, such as enhanced gesture recognition, gaming, augmented reality, indoor navigation, and localization-based services. In its latest generation of IMUs particularly suited to mobile applications, ST is embedding machine learning cores (MLC) for context awareness. This enables accurate low-power edge processing that, together with the finite state machine (FSM), allows the precise analysis and reconstruction of user activities and gestures. IMU UI domain PMIC Temp sensor Vbat Pressure sensor Inertial sensor Force sensor (*) Fingerprint Haptic driver + Actuator Protection Smart reset ST propose a wide range of MEMS sensors for the mobile and mobile accessories markets. MEMS SENSORS FUNCTIONALITIES UI SUBSYSTEM BLOCK DIAGRAM User interface Optical image stabilization Altimeter Activity recognition Gesture recognition (display wakeup) Shock detection Low-power IMUs with Machine Learning Core LSM6DSOX, LSM6DSV16X, LSMDSO16IS Low power accelerometer LIS2DW12 High-performance magnetometer LIS2MDL High-performance barometer LPS22HH Waterproof pressure sensors LPS27HHW, LPS28DFW |