| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
LSM6DSO bảng dữ liệu(PDF) 17 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
LSM6DSO bảng dữ liệu(HTML) 17 Page - STMicroelectronics |
|
17 / 32 page ![]() The unique STMicroelectronics portfolio of MEMS sensors supports OEM and ODM in enabling all the most advanced user interaction functionalities. Starting from accurate calculation of acceleration (linear or angular), velocity, and object position, MEMS sensors help recognize player actions as well detect special conditions and movements like nearing phones to ears for call answering. ST has the broadest offer of motion sensors, including accelerometers and 6-axis inertial measurement units (IMU). Manufactured with our innovative MEMS silicon technologies, they all feature ultralow power consumption and high accuracy and stability over time and temperature variations. The latest applications also pressure sensors to add advanced capabilities to mobile phones and their linked accessories, such as Wireless E911 location. To complete the offering on UI, ST includes smart reset devices able to extend the functionality of existing phone buttons by enabling hidden features (hard reset, factory reset, etc). Together with partners, ST is able to offer a force sensor solution (ST offers a dedicated 8-channel standalone strain gauge controller) to emulate physical sensors and enable full waterproof designs. Note *: Product not released on st.com. Please contact the marketing owner VBGA43 3.5x3.5x0.6mm thickness, 0.5mm pitch MUX PGA ADC Drive circuit - FSR1AD04* Analog voltage out Processor Proprietary touch algorithm Driver OS Application Host controller Digital force data 17 UI Subsystem |