công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

FPF2103 bảng dữ liệu(PDF) 11 Page - ON Semiconductor

tên linh kiện FPF2103
Giải thích chi tiết về linh kiện  IntelliMAX™ Advanced Load Management Products
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ONSEMI [ON Semiconductor]
Trang chủ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FPF2103 bảng dữ liệu(HTML) 11 Page - ON Semiconductor

Back Button FPF2103 Datasheet HTML 5Page - ON Semiconductor FPF2103 Datasheet HTML 6Page - ON Semiconductor FPF2103 Datasheet HTML 7Page - ON Semiconductor FPF2103 Datasheet HTML 8Page - ON Semiconductor FPF2103 Datasheet HTML 9Page - ON Semiconductor FPF2103 Datasheet HTML 10Page - ON Semiconductor FPF2103 Datasheet HTML 11Page - ON Semiconductor FPF2103 Datasheet HTML 12Page - ON Semiconductor FPF2103 Datasheet HTML 13Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
10
www.fairchildsemi.com
FPF2100-FPF2107 Rev. H
Application Information
Typical Application
OFF ON
ON
VIN
GND
FPF2100 - FPF2107
FLAGB
VOUT
LOAD
Battery
1.8V-5.5V
C1 = 4.7µF
R1 = 100KΩ
C2 = 0.1µF
R2 = 499Ω
Input Capacitor
To limit the voltage drop on the input supply caused by transient
in-rush currents when the switch turns-on into a discharged load
capacitor or a short-circuit, a capacitor needs to be placed
between VIN and GND. A 4.7µF ceramic capacitor, CIN, must be
placed close to the VIN pin. A higher value of CIN can be used to
further reduce the voltage drop experienced as the switch is
turned on into a large capacitive load.
Output Capacitor
A 0.1uF capacitor COUT, should be placed between VOUT and
GND. This capacitor will prevent parasitic board inductances
from forcing VOUT below GND when the switch turns-off. For the
FPF2100-FPF2102 and the FPF2104-FPF2106, the total output
capacitance needs to be kept below a maximum value,
COUT(max), to prevent the part from registering an over-current
condition and turning off the switch. The maximum output
capacitance can be determined from the following formula,
Due to the integral body diode in the PMOS switch, a CIN
greater than COUT is highly recommended. A COUT greater than
CIN can cause VOUT to exceed VIN when the system supply is
removed. This could result in current flow through the body
diode from VOUT to VIN.
Power Dissipation
During normal operation as a switch, the power dissipation is
small and has little effect on the operating temperature of the
part. The parts with the higher current limits will dissipate the
most power and that will only typically be,
If the part goes into current limit the maximum power dissipation
will occur when the output is shorted to ground. For the
FPF2100, FPF2101, FPF2104 and FPF2105, the power
dissipation will scale by the Auto-Restart Time, tRSTRT, and the
Over Current Blanking Time, tBLANK, so that the maximum
power dissipated is typically,
When using the FPF2102 and FPF2106 attention must be given
to the manual resetting of the part. Continuously resetting the
part at a high duty cycle when a short on the output is present
can cause the temperature of the part to increase. The junction
temperature will only be allowed to increase to the thermal
shutdown threshold. Once this temperature has been reached,
toggling ON will not turn on the switch until the junction
temperature drops. For the FPF2103 and FPF2107, a short on
the output will cause the part to operate in a constant current
state dissipating a worst case power as calculated in (3) until
the thermal shutdown activates. It will then cycle in and out of
thermal shutdown so long as the ON pin is active and the short
is present.
Board Layout
For best performance, all traces should be as short as possible.
To be most effective, the input and output capacitors should be
placed close to the device to minimize the effects that parasitic
trace inductances may have on normal and short-circuit
operation. Using wide traces for VIN, VOUT and GND will help
minimize parasitic electrical effects along with minimizing the
case to ambient thermal impedance.
Pmax
()
tBLANK
tRESTART tBLANK
+
---------------------------------------------------xVIN max
()xILIM max
()
=
10
10 160
+
-----------------------
=
5.5
×
0.8
×
260mW
=
(3)
(1)
(2)
C
OUT
max
()
ILIM max
() t
BLANK min
()
×
VIN
--------------------------------------------------------------------
=
PILIM
()
2
RDS
×
0.2
()
2
0.125
×
80mW
==
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com