| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
JN1AS10ML2-R bảng dữ liệu(PDF) 2 Page - Japan Aviation Electronics Industry, Ltd. |
|
|
|||||||||||||||||||||||||||||
JN1AS10ML2-R bảng dữ liệu(HTML) 2 Page - Japan Aviation Electronics Industry, Ltd. |
|
2 / 4 page ![]() Contact Size X No. of Contacts #22*10 Applicable Wire (Cross- sectional Area of Conductor) Applicable Wire Insulation Diameter Polarizing Key Position Normal position Material of Contact Finish of Contact in Connecting Area Gold plating Outer Shell Color Black Total Current Rating (A) Contact Resistance (milliohm) Dielectric Withstanding Voltage (1 minute) AC 900 Vr.m.s. Insulation Resistance 1,000MΩMIN Mating Cycles 500 times Operating Temperature Range -20 Deg. C to +125 Deg. C Applicable Contacts Applicable Housing Applicable Accessory Applicable Product Part Numbers Applicable Wire Diameter RoHS compliant 10 substances (2011/65/EU, (EU)2015/863) REACH compliant Combination JN1FS10SL1 JN1FS10SL2 JN1FS10SLK JN2DS10SL1-R JN2DS10SL2-R JN2DS10SL3-R JN2DS10SLK-R |