| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
BUV27 bảng dữ liệu(PDF) 1 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
BUV27 bảng dữ liệu(HTML) 1 Page - STMicroelectronics |
|
1 / 4 page ![]() BUV27 MEDIUM POWER NPN SILICON TRANSISTOR s SGS-THOMSON PREFERRED SALESTYPE s NPN TRANSISTOR s FAST SWITCHING SPEED s LOW COLLECTOR EMITTER SATURATION APPLICATIONS s SWITCHING REGULATORS s MOTOR CONTROL DESCRIPTION The BUV27 is a Multiepitaxial Planar NPN Transistor in TO-220 package. It is intended for use in high frequency and efficency converters, switching regulators and motor control. INTERNAL SCHEMATIC DIAGRAM June 1997 ABSOLUTE MAXIMUM RATINGS Symbol Parameter Value Unit VCBO Collector-base Voltage (IE = 0) 240 V VCEO Collector-Emitter Voltage (IB = 0) 120 V VEBO Emitter-Base Voltage (IC = 0) 7 V IC Collector Current 12 A ICM Collector Peak Current 20 A IB Base Current 4 A IBM Base Peak Current 6 A Ptot Total Dissipation at Tc < 25 oC85 W Ptot Total Dissipation at Tc < 60 o C65 W Tstg Storage Temperature -65 to +175 oC Tj Max. Operating Junction Temperature 175 oC 1 2 3 TO-220 1/4 |
Số phần tương tự - BUV27 |
|
Mô tả tương tự - BUV27 |