công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

DS3991VRC bảng dữ liệu(PDF) 2 Page - Maxim Integrated Products

tên linh kiện DS3991VRC
Giải thích chi tiết về linh kiện  Low-Cost CCFL Controller
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MAXIM [Maxim Integrated Products]
Trang chủ  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS3991VRC bảng dữ liệu(HTML) 2 Page - Maxim Integrated Products

  DS3991VRC Datasheet HTML 1Page - Maxim Integrated Products DS3991VRC Datasheet HTML 2Page - Maxim Integrated Products DS3991VRC Datasheet HTML 3Page - Maxim Integrated Products DS3991VRC Datasheet HTML 4Page - Maxim Integrated Products DS3991VRC Datasheet HTML 5Page - Maxim Integrated Products DS3991VRC Datasheet HTML 6Page - Maxim Integrated Products DS3991VRC Datasheet HTML 7Page - Maxim Integrated Products DS3991VRC Datasheet HTML 8Page - Maxim Integrated Products DS3991VRC Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
RECOMMENDED OPERATING CONDITIONS
(TA = -40°C to +85°C)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
Voltage Range on VCC Relative to Ground ..........-0.5V to +6.0V
Voltage Range on Any Lead
Other than VCC..............................................-0.5V to (VCC + 0.5V),
not to exceed +6.0V
Operating Temperature Range ...........................-40
°C to +85°C
Storage Temperature Range .............................-55
°C to +125°C
Soldering Temperature...................See J-STD-020 Specification
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Supply Voltage
VCC
(Note 1)
4.5
5.5
V
Input Logic 1
VIH
2.2
VCC +
0.3
V
Input Logic 0
VIL
-0.3
+0.8
V
BRIGHT, SVML, SVMH Voltage
Range
VRA
-0.3
VCC+
0.3
V
LCM and OVD Voltage Range
VRC
(Note 2)
-0.3
VCC +
0.3
V
Gate-Driver Output Charge
Loading
QG
20
nC
LOSC and POSC Loading
COSC
20
pF
ELECTRICAL CHARACTERISTICS
(VCC = +4.5V to 5.5V, TA = -40°C to +85°C.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Supply Current
ICC
GA, GB loaded with 300pF
5
10
mA
Low-Level Output Voltage
(GA, GB)
VOL
IOL = 4mA
0.4
V
High-Level Output Voltage
(GA, GB)
VOH
IOH = -1mA
2.4
V
UVLO Threshold: VCC Rising
VUVLOR
4.3
V
UVLO Threshold: VCC Falling
VUVLOF
3.7
V
UVLO Hysteresis
VUVLOH
100
mV
SVML Falling Threshold
VSVMLT
1.94
2.00
2.06
V
SVMH Rising Threshold
VSVMHT
1.94
2.00
2.06
V
SVML and SVMH Hysteresis
VSVMH
150
mV
LCM and OVD DC Bias Voltage
VDCB
1.35
V
LCM and OVD Input Resistance
RDCB
50
k
Lamp-Off Threshold
VLOT
(Note 3)
1.65
1.75
1.85
V
Lamp Overcurrent Threshold
VLOCT
(Note 3)
3.25
3.35
3.45
V
Low-Cost CCFL Controller



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com