công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MSP430F413IPM bảng dữ liệu(PDF) 52 Page - Texas Instruments

tên linh kiện MSP430F413IPM
Giải thích chi tiết về linh kiện  MIXED SIGNAL MICROCONTROLLER
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI2 [Texas Instruments]
Trang chủ  https://www.ti.com
Logo TI2 - Texas Instruments

MSP430F413IPM bảng dữ liệu(HTML) 52 Page - Texas Instruments

Back Button MSP430F413IPM Datasheet HTML 48Page - Texas Instruments MSP430F413IPM Datasheet HTML 49Page - Texas Instruments MSP430F413IPM Datasheet HTML 50Page - Texas Instruments MSP430F413IPM Datasheet HTML 51Page - Texas Instruments MSP430F413IPM Datasheet HTML 52Page - Texas Instruments MSP430F413IPM Datasheet HTML 53Page - Texas Instruments MSP430F413IPM Datasheet HTML 54Page - Texas Instruments MSP430F413IPM Datasheet HTML 55Page - Texas Instruments MSP430F413IPM Datasheet HTML 56Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 66 page
background image
Manual Update Sheet
SLAZ554 – December 2013
Corrections to MSP430x41x Data Sheet (SLAS340J)
Document Being Updated: MSP430x41x Mixed Signal Microcontroller
Literature Number Being Updated: SLAS340J
Page Change or Add
40
In top left of the figure:
LCDM.5 should be changed to bit 0 of LCDPx, which is bit 5 of the LCDCTL register.
LCDM.6 should be changed to bit 1 of LCDPx, which is bit 6 of the LCDCTL register.
LCDM.7 should be changed to bit 2 of LCDPx, which is bit 7 of the LCDCTL register.
41
In top left of the figure:
LCDM.5 should be changed to bit 0 of LCDPx, which is bit 5 of the LCDCTL register.
LCDM.6 should be changed to bit 1 of LCDPx, which is bit 6 of the LCDCTL register.
LCDM.7 should be changed to bit 2 of LCDPx, which is bit 7 of the LCDCTL register.
42
In top left of the figure:
LCDM.5 should be changed to bit 0 of LCDPx, which is bit 5 of the LCDCTL register.
LCDM.6 should be changed to bit 1 of LCDPx, which is bit 6 of the LCDCTL register.
LCDM.7 should be changed to bit 2 of LCDPx, which is bit 7 of the LCDCTL register.
43
In top left of the figure:
LCDM.5 should be changed to bit 0 of LCDPx, which is bit 5 of the LCDCTL register.
LCDM.6 should be changed to bit 1 of LCDPx, which is bit 6 of the LCDCTL register.
LCDM.7 should be changed to bit 2 of LCDPx, which is bit 7 of the LCDCTL register.
1
SLAZ554 – December 2013
Corrections to MSP430x41x Data Sheet (SLAS340J)
Submit Documentation Feedback
Copyright © 2013, Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com