| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MSP430F412IPM bảng dữ liệu(PDF) 13 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
MSP430F412IPM bảng dữ liệu(HTML) 13 Page - Texas Instruments |
|
13 / 66 page ![]() MSP430x41x MIXED SIGNAL MICROCONTROLLER SLAS340J − MAY 2001 − REVISED DECEMBER 2008 13 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 memory organization MSP430F412 MSP430F413 MSP430F415 MSP430F417 Memory Interrupt vector Code memory Size Flash Flash 4KB 0FFFFh to 0FFE0h 0FFFFh to 0F000h 8KB 0FFFFh to 0FFE0h 0FFFFh to 0E000h 16KB 0FFFFh to 0FFE0h 0FFFFh to 0C000h 32KB 0FFFFh to 0FFE0h 0FFFFh to 08000h Information memory Size Flash 256 Byte 010FFh to 01000h 256 Byte 010FFh to 01000h 256 Byte 010FFh to 01000h 256 Byte 010FFh to 01000h Boot memory Size ROM 1KB 0FFFh to 0C00h 1KB 0FFFh to 0C00h 1KB 0FFFh to 0C00h 1KB 0FFFh to 0C00h RAM Size 256 Byte 02FFh to 0200h 256 Byte 02FFh to 0200h 512 Byte 03FFh to 0200h 1 KB 05FFh to 0200h Peripherals 16-bit 8-bit 8-bit SFR 01FFh to 0100h 0FFh to 010h 0Fh to 00h 01FFh to 0100h 0FFh to 010h 0Fh to 00h 01FFh to 0100h 0FFh to 010h 0Fh to 00h 01FFh to 0100h 0FFh to 010h 0Fh to 00h MSP430C412 MSP430C413 Memory Interrupt vector Code memory Size ROM ROM 4KB 0FFFFh to 0FFE0h 0FFFFh to 0F000h 8KB 0FFFFh to 0FFE0h 0FFFFh to 0E000h Information memory Size NA NA Boot memory Size NA NA RAM Size 256 Byte 02FFh to 0200h 256 Byte 02FFh to 0200h Peripherals 16-bit 8-bit 8-bit SFR 01FFh to 0100h 0FFh to 010h 0Fh to 00h 01FFh to 0100h 0FFh to 010h 0Fh to 00h bootstrap loader (BSL) The MSP430 BSL enables users to program the flash memory or RAM using a UART serial interface. Access to the MSP430 memory via the BSL is protected by user-defined password. For complete description of the features of the BSL and its implementation, see the application report Features of the MSP430 Bootstrap Loader, literature number SLAA089. BSL FUNCTION PM, RTD, RGC PACKAGE PINS Data Transmit 53 - P1.0 Data Receive 52 - P1.1 |