| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
LP2952IM bảng dữ liệu(PDF) 33 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
LP2952IM bảng dữ liệu(HTML) 33 Page - Texas Instruments |
|
33 / 41 page ![]() LP2952-N, LP2952A, LP2953, LP2953A www.ti.com SNVS095F – MAY 2004 – REVISED MARCH 2015 Power Dissipation: Heatsink Requirements (Industrial Temperature Range Devices) (continued) The heatsink is made using the PC board copper. The heat is conducted from the die, through the lead frame (inside the part), and out the pins which are soldered to the PC board. The pins used for heat conduction are given in Table 2. Table 2. Heat Conducting Pins PART PACKAGE PINS LP2953IN, LP2953AIN 16-pin PDIP 4, 5, 12, 13 LP2953IN-3.3, LP2953AIN-3.3 LP2952IM, LP2952AIM LP2952IM-3.3, LP2952AIM-3.3 16-pin surface mount (SOIC) 1, 8, 9, 16 LP2953IM, LP2953AIM LP2953IM-3.3, LP2953AIM-3.3 Figure 49 shows copper patterns which may be used to dissipate heat from the LP2952 and LP2953. * For best results, use L = 2H. ** 14-Pin PDIP is similar, see Table 2 for pins designated for heatsinking. Figure 49. Copper Heatsink Patterns Copyright © 2004–2015, Texas Instruments Incorporated Submit Documentation Feedback 33 Product Folder Links: LP2952-N LP2952A LP2953 LP2953A |