| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
LP2953AIN bảng dữ liệu(PDF) 25 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
LP2953AIN bảng dữ liệu(HTML) 25 Page - Texas Instruments |
|
25 / 41 page ![]() LP2952-N, LP2952A, LP2953, LP2953A www.ti.com SNVS095F – MAY 2004 – REVISED MARCH 2015 8.2.4 5-V Regulator With Error Flags for Low Battery and Out of Regulation Figure 38 is the example circuit for 5-V regulator with error flags for low battery and out of regulation, it has the following features: • Connect to logic or microprocessor control inputs. • LOW BATT flag warns the user that the battery has discharged down to about 5.8 V, giving the user time to recharge the battery or power down some hardware with high power requirements. The output is still in regulation at this time. • OUT OF REGULATION flag indicates when the battery is almost completely discharged, and can be used to initiate a power-down sequence. Figure 38. 5-V Regulator With Error Flags for Low Battery and Out of Regulation Copyright © 2004–2015, Texas Instruments Incorporated Submit Documentation Feedback 25 Product Folder Links: LP2952-N LP2952A LP2953 LP2953A |