| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
R55FVG bảng dữ liệu(PDF) 38 Page - Banner Engineering Corp. |
|
|
|||||||||||||||||||||||||||||
R55FVG bảng dữ liệu(HTML) 38 Page - Banner Engineering Corp. |
|
38 / 42 page ![]() Fiber Systems 200 More information online at bannerengineering.com Glass Fiber Optics Indicates lenses available for model. See page 201 for details. R55F SME312 D12E D12 QS18* 3.18 19 BA23S Detailed Dimensions Online PVC shrink junction 38.1 191 914 12.7 27.9 R 12.7 ø 4.8 20.3 ø 6.4 stainless steel ø 7.4 ø 4.7 12.7 12.7 50 100 150 200 • 90° Angle 3.18 19 BAT23S Detailed Dimensions Online ø 6.4 stainless steel 914 5/16-24 UNF brass 2 brass jam nuts included 20.3 ø 4.8 12.7 27.9 R 12.7 38.1 ø 7.4 ø 7.4 ø 4.7 38.1 12.7 12.7 191 PVC shrink junction 50 100 150 200 • 90° Angle/Thread 3.18 19 BF23P Detailed Dimensions Online ø 5.8 PVC with monocoil PVC shrink junction ø 7.4 ø 4.7 38.1 12.7 12.7 191 914 ø 7.4 ø 4.8 12.7 12.7 ø 3.18 50 100 150 200 • Smooth ferrule 0.69 9.5 BMT.442P Detailed Dimensions Online ø 3.0 PVC with monocoil 610 PVC shrink junction 38.1 191 12.7 16.5 ø 4.7 ø 7.4 ø 3.8 #8-32 thd brass 2 jam nuts included 12.7 12.7 28 46 10 • Miniature thread 3.18 19 BT23S Detailed Dimensions Online ø 8.0 ø 6.4 stainless steel 5/16-24 thd brass 2 jam nuts included 38.1 12.7 914 ø 3.18 PVC shrink junction ø 7.4 ø 4.7 38.1 12.7 12.7 191 50 100 150 200 • Thread 3.18 19 BTA23S Detailed Dimensions Online R 9.7 ø 8.0 ø 6.4 stainless steel 5/16-24 thd brass 2 jam nuts included 38.1 15.8 27.9 12.7 914 ø 4.8 PVC shrink junction ø 7.4 ø 4.7 38.1 12.7 12.7 191 50 100 150 200 • Thread/90° Angle 1.17 19 BAM.752S Detailed Dimensions Online ø 8.0 ø 1.5 ø 6.4 stainless steel 25.4 35.6 610 R 3.05 4.8 ø 7.4 ø 4.7 38.1 12.7 12.7 191 PVC shrink junction 10 40 20 30 50 • ø 1.5 mm non-bendable probe; 90° angle 1.17 19 BM.752S Detailed Dimensions Online ø 7.4 stainless steel 25.4 12.7 12.7 610 ø 7.4 ø 4.7 38.1 12.7 12.7 191 ø 4.6 ø 1.5 PVC shrink junction ø 6.4 10 40 20 30 50 • ø 1.5 mm non-bendable probe 1.17 9.5 BMP.753P Detailed Dimensions Online ø 1.5 PVC with monocoil 914 25.4 12.7 PVC shrink junction 38.1 191 12.7 16.5 ø 3.0 ø 3.8 ø 4.7 ø 7.4 10 40 20 30 50 • ø 1.5 mm non-bendable probe 3.96 19 BR2.53S Detailed Dimensions Online ø 6.4 stainless steel PVC shrink junction ø 4.7 ø 7.4 38.1 12.7 12.7 191 914 25.4 12.7 50.8 2x 4.8 6.4 38.1 0.25 38.1 9.4 50 200 100 150 250 • Straight exit; 38 mm width 3.18 19 BR23S Detailed Dimensions Online ø 6.4 stainless steel PVC shrink junction ø 7.4 ø 4.7 38.1 12.7 12.7 191 914 2.54 19.1 11.7 2x 3.2 0.8 6.3 19.1 9.7 50 100 150 200 • Straight exit; 10 mm width CORE DIA. MIN. BEND MODEL NUMBER DRAWING & DIMENSIONS (mm) RADIUS (mm) FEATURES TYPICAL RANGE (mm) M600 M900 M600 M900 M600 M900 M600 M900 M600 M900 M600 M600 M600 M600 M600 Available 315° C (600°F) models. Add M600 to end of model number (ex: BA23SM600). M900 Available 480° C (900°F) models. Add M900 to end of model number (ex: BA23SM900). * Range data for QS18F not available at printing. |