công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LMV641MFE/NOPB bảng dữ liệu(PDF) 28 Page - Texas Instruments

tên linh kiện LMV641MFE/NOPB
Giải thích chi tiết về linh kiện  LMV641 10-MHz, 12-V, Low-Power Amplifier
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI2 [Texas Instruments]
Trang chủ  https://www.ti.com
Logo TI2 - Texas Instruments

LMV641MFE/NOPB bảng dữ liệu(HTML) 28 Page - Texas Instruments

Back Button LMV641MFE/NOPB Datasheet HTML 24Page - Texas Instruments LMV641MFE/NOPB Datasheet HTML 25Page - Texas Instruments LMV641MFE/NOPB Datasheet HTML 26Page - Texas Instruments LMV641MFE/NOPB Datasheet HTML 27Page - Texas Instruments LMV641MFE/NOPB Datasheet HTML 28Page - Texas Instruments LMV641MFE/NOPB Datasheet HTML 29Page - Texas Instruments LMV641MFE/NOPB Datasheet HTML 30Page - Texas Instruments LMV641MFE/NOPB Datasheet HTML 31Page - Texas Instruments LMV641MFE/NOPB Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 40 page
background image
PACKAGE MATERIALS INFORMATION
www.ti.com
23-May-2025
TAPE AND REEL INFORMATION
Reel Width (W1)
REEL DIMENSIONS
A0
B0
K0
W
Dimension designed to accommodate the component length
Dimension designed to accommodate the component thickness
Overall width of the carrier tape
Pitch between successive cavity centers
Dimension designed to accommodate the component width
TAPE DIMENSIONS
K0
P1
B0 W
A0
Cavity
QUADRANT ASSIGNMENTS FOR PIN 1 ORIENTATION IN TAPE
Pocket Quadrants
Sprocket Holes
Q1
Q1
Q2
Q2
Q3
Q3
Q4
Q4
User Direction of Feed
P1
Reel
Diameter
*All dimensions are nominal
Device
Package
Type
Package
Drawing
Pins
SPQ
Reel
Diameter
(mm)
Reel
Width
W1 (mm)
A0
(mm)
B0
(mm)
K0
(mm)
P1
(mm)
W
(mm)
Pin1
Quadrant
LMV641MAE/NOPB
SOIC
D
8
250
178.0
12.4
6.5
5.4
2.0
8.0
12.0
Q1
LMV641MAX/NOPB
SOIC
D
8
2500
330.0
12.4
6.5
5.4
2.0
8.0
12.0
Q1
LMV641MF/NOPB
SOT-23
DBV
5
1000
178.0
8.4
3.2
3.2
1.4
4.0
8.0
Q3
LMV641MFE/NOPB
SOT-23
DBV
5
250
178.0
8.4
3.2
3.2
1.4
4.0
8.0
Q3
LMV641MFX/NOPB
SOT-23
DBV
5
3000
178.0
8.4
3.2
3.2
1.4
4.0
8.0
Q3
LMV641MG/NOPB
SC70
DCK
5
1000
178.0
8.4
2.25
2.45
1.2
4.0
8.0
Q3
LMV641MGE/NOPB
SC70
DCK
5
250
178.0
8.4
2.25
2.45
1.2
4.0
8.0
Q3
LMV641MGX/NOPB
SC70
DCK
5
3000
178.0
8.4
2.25
2.45
1.2
4.0
8.0
Q3
Pack Materials-Page 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40