| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
LMV641MAE/NOPB bảng dữ liệu(PDF) 26 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
LMV641MAE/NOPB bảng dữ liệu(HTML) 26 Page - Texas Instruments |
|
26 / 40 page ![]() PACKAGE OPTION ADDENDUM www.ti.com 23-May-2025 PACKAGING INFORMATION Orderable part number Status (1) Material type (2) Package | Pins Package qty | Carrier RoHS (3) Lead finish/ Ball material (4) MSL rating/ Peak reflow (5) Op temp (°C) Part marking (6) LMV641MA/NOPB Active Production SOIC (D) | 8 95 | TUBE Yes SN Level-1-260C-UNLIM -40 to 125 LMV64 1MA LMV641MA/NOPB.A Active Production SOIC (D) | 8 95 | TUBE Yes SN Level-1-260C-UNLIM -40 to 125 LMV64 1MA LMV641MAE/NOPB Active Production SOIC (D) | 8 250 | SMALL T&R Yes SN Level-1-260C-UNLIM -40 to 125 LMV64 1MA LMV641MAE/NOPB.A Active Production SOIC (D) | 8 250 | SMALL T&R Yes SN Level-1-260C-UNLIM -40 to 125 LMV64 1MA LMV641MAX/NOPB Active Production SOIC (D) | 8 2500 | LARGE T&R Yes SN Level-1-260C-UNLIM -40 to 125 LMV64 1MA LMV641MAX/NOPB.A Active Production SOIC (D) | 8 2500 | LARGE T&R Yes SN Level-1-260C-UNLIM -40 to 125 LMV64 1MA LMV641MF/NOPB Active Production SOT-23 (DBV) | 5 1000 | SMALL T&R Yes SN Level-1-260C-UNLIM - AB9A LMV641MF/NOPB.A Active Production SOT-23 (DBV) | 5 1000 | SMALL T&R Yes SN Level-1-260C-UNLIM -40 to 125 AB9A LMV641MFE/NOPB Active Production SOT-23 (DBV) | 5 250 | SMALL T&R Yes SN Level-1-260C-UNLIM - AB9A LMV641MFE/NOPB.A Active Production SOT-23 (DBV) | 5 250 | SMALL T&R Yes SN Level-1-260C-UNLIM -40 to 125 AB9A LMV641MFX/NOPB Active Production SOT-23 (DBV) | 5 3000 | LARGE T&R Yes SN Level-1-260C-UNLIM - AB9A LMV641MFX/NOPB.A Active Production SOT-23 (DBV) | 5 3000 | LARGE T&R Yes SN Level-1-260C-UNLIM -40 to 125 AB9A LMV641MG/NOPB Active Production SC70 (DCK) | 5 1000 | SMALL T&R Yes SN Level-1-260C-UNLIM -40 to 125 A99 LMV641MG/NOPB.A Active Production SC70 (DCK) | 5 1000 | SMALL T&R Yes SN Level-1-260C-UNLIM -40 to 125 A99 LMV641MGE/NOPB Active Production SC70 (DCK) | 5 250 | SMALL T&R Yes SN Level-1-260C-UNLIM -40 to 125 A99 LMV641MGE/NOPB.A Active Production SC70 (DCK) | 5 250 | SMALL T&R Yes SN Level-1-260C-UNLIM -40 to 125 A99 LMV641MGX/NOPB Active Production SC70 (DCK) | 5 3000 | LARGE T&R Yes SN Level-1-260C-UNLIM -40 to 125 A99 LMV641MGX/NOPB.A Active Production SC70 (DCK) | 5 3000 | LARGE T&R Yes SN Level-1-260C-UNLIM -40 to 125 A99 (1) Status: For more details on status, see our product life cycle. (2) Material type: When designated, preproduction parts are prototypes/experimental devices, and are not yet approved or released for full production. Testing and final process, including without limitation quality assurance, reliability performance testing, and/or process qualification, may not yet be complete, and this item is subject to further changes or possible discontinuation. If available for ordering, purchases will be subject to an additional waiver at checkout, and are intended for early internal evaluation purposes only. These items are sold without warranties of any kind. (3) RoHS values: Yes, No, RoHS Exempt. See the TI RoHS Statement for additional information and value definition. Addendum-Page 1 |