| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
LMP2021 bảng dữ liệu(PDF) 28 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
LMP2021 bảng dữ liệu(HTML) 28 Page - Texas Instruments |
|
28 / 42 page ![]() PACKAGE OPTION ADDENDUM www.ti.com 23-May-2025 PACKAGING INFORMATION Orderable part number Status (1) Material type (2) Package | Pins Package qty | Carrier RoHS (3) Lead finish/ Ball material (4) MSL rating/ Peak reflow (5) Op temp (°C) Part marking (6) LMP2021MA/NOPB Active Production SOIC (D) | 8 95 | TUBE Yes SN Level-1-260C-UNLIM -40 to 125 LMP20 21MA LMP2021MA/NOPB.A Active Production SOIC (D) | 8 95 | TUBE Yes SN Level-1-260C-UNLIM -40 to 125 LMP20 21MA LMP2021MAX/NOPB Active Production SOIC (D) | 8 2500 | LARGE T&R Yes SN Level-1-260C-UNLIM -40 to 125 LMP20 21MA LMP2021MAX/NOPB.A Active Production SOIC (D) | 8 2500 | LARGE T&R Yes SN Level-1-260C-UNLIM -40 to 125 LMP20 21MA LMP2021MF/NOPB Active Production SOT-23 (DBV) | 5 1000 | SMALL T&R Yes SN Level-1-260C-UNLIM -40 to 125 AF5A LMP2021MF/NOPB.A Active Production SOT-23 (DBV) | 5 1000 | SMALL T&R Yes SN Level-1-260C-UNLIM -40 to 125 AF5A LMP2021MFE/NOPB Active Production SOT-23 (DBV) | 5 250 | SMALL T&R Yes SN Level-1-260C-UNLIM -40 to 125 AF5A LMP2021MFE/NOPB.A Active Production SOT-23 (DBV) | 5 250 | SMALL T&R Yes SN Level-1-260C-UNLIM -40 to 125 AF5A LMP2021MFX/NOPB Active Production SOT-23 (DBV) | 5 3000 | LARGE T&R Yes SN Level-1-260C-UNLIM -40 to 125 AF5A LMP2021MFX/NOPB.A Active Production SOT-23 (DBV) | 5 3000 | LARGE T&R Yes SN Level-1-260C-UNLIM -40 to 125 AF5A LMP2022MA/NOPB Active Production SOIC (D) | 8 95 | TUBE Yes SN Level-1-260C-UNLIM -40 to 125 LMP20 22MA LMP2022MA/NOPB.A Active Production SOIC (D) | 8 95 | TUBE Yes SN Level-1-260C-UNLIM -40 to 125 LMP20 22MA LMP2022MAX/NOPB Active Production SOIC (D) | 8 2500 | LARGE T&R Yes SN Level-1-260C-UNLIM -40 to 125 LMP20 22MA LMP2022MAX/NOPB.A Active Production SOIC (D) | 8 2500 | LARGE T&R Yes SN Level-1-260C-UNLIM -40 to 125 LMP20 22MA LMP2022MM/NOPB Active Production VSSOP (DGK) | 8 1000 | SMALL T&R Yes SN Level-1-260C-UNLIM -40 to 125 AV5A LMP2022MM/NOPB.A Active Production VSSOP (DGK) | 8 1000 | SMALL T&R Yes SN Level-1-260C-UNLIM -40 to 125 AV5A LMP2022MME/NOPB Active Production VSSOP (DGK) | 8 250 | SMALL T&R Yes SN Level-1-260C-UNLIM -40 to 125 AV5A LMP2022MME/NOPB.A Active Production VSSOP (DGK) | 8 250 | SMALL T&R Yes SN Level-1-260C-UNLIM -40 to 125 AV5A LMP2022MMX/NOPB Active Production VSSOP (DGK) | 8 3500 | LARGE T&R Yes SN Level-1-260C-UNLIM -40 to 125 AV5A LMP2022MMX/NOPB.A Active Production VSSOP (DGK) | 8 3500 | LARGE T&R Yes SN Level-1-260C-UNLIM -40 to 125 AV5A (1) Status: For more details on status, see our product life cycle. Addendum-Page 1 |