| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
JANMS318110CAL bảng dữ liệu(PDF) 2 Page - Amphenol PCD, Inc |
|
|
|||||||||||||||||||||||||||||
JANMS318110CAL bảng dữ liệu(HTML) 2 Page - Amphenol PCD, Inc |
|
2 / 30 page ![]() Contact backshells@amphenolpcd.com 2 TABLE A Connector Shell Size Connector Shell Size Code A B Max. C Max. D Max. E Min. F Ref. Screw Size ±.031 ±.787 inch mm inch mm inch mm inch mm inch mm inch mm 09 A 1.35/1.41 34.3/35.8 0.92 23.4 0.219 5.56 0.858 21.79 0.22 5.6 0.25 6.4 4-40 11 B 1.47/1.53 37.3/38.9 0.97 24.6 0.264 6.71 0.984 24.99 0.27 6.9 0.25 6.4 4-40 13 C 1.60/1.66 40.6/42.2 1.19 30.2 0.344 8.74 1.157 29.39 0.35 8.9 0.25 6.4 4-40 15 D 1.60/1.66 40.6/42.2 1.31 33.3 0.460 11.68 1.279 32.49 0.47 11.9 0.25 6.4 4-40 17 E 1.72/1.78 43.7/45.2 1.44 36.6 0.545 13.84 1.406 35.71 0.55 14.0 0.25 6.4 4-40 19 F 1.97/2.03 50.0/51.6 1.56 39.6 0.615 15.62 1.516 38.51 0.62 15.7 0.38 9.7 6-32 21 G 2.09/2.15 53.1/54.6 1.69 42.9 0.698 17.73 1.642 41.71 0.70 17.8 0.38 9.7 6-32 23 H 2.22/2.28 56.4/57.9 1.75 44.5 0.780 19.81 1.768 44.91 0.78 19.8 0.38 9.7 6-32 25 J 2.35/2.41 59.7/61.2 1.88 47.8 0.850 21.59 1.869 47.47 0.85 21.6 0.38 9.7 6-32 STRAIN RELIEF CLAMP STRAIGHT 38999 Series III & Series IV M85049 /147 S 11 W SERIES SLASH SHEET COUPLING SHELL SIZE FINISH 147: Straight Table A A: Anodized, Black N: Electroless Nickel W: Cadmium Olive Drab over Electroless Nickel Z: Zinc-Cobalt, Black BACKSHELL ACCESSORIES |