công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PUSB3BB2DF bảng dữ liệu(PDF) 114 Page - Nexperia B.V. All rights reserved

tên linh kiện PUSB3BB2DF
Giải thích chi tiết về linh kiện  Discrete and MOSFET components, analog & logic ICs
PDF  234 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NEXPERIA [Nexperia B.V. All rights reserved]
Trang chủ  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

PUSB3BB2DF bảng dữ liệu(HTML) 114 Page - Nexperia B.V. All rights reserved

Back Button PUSB3BB2DF Datasheet HTML 110Page - Nexperia B.V. All rights reserved PUSB3BB2DF Datasheet HTML 111Page - Nexperia B.V. All rights reserved PUSB3BB2DF Datasheet HTML 112Page - Nexperia B.V. All rights reserved PUSB3BB2DF Datasheet HTML 113Page - Nexperia B.V. All rights reserved PUSB3BB2DF Datasheet HTML 114Page - Nexperia B.V. All rights reserved PUSB3BB2DF Datasheet HTML 115Page - Nexperia B.V. All rights reserved PUSB3BB2DF Datasheet HTML 116Page - Nexperia B.V. All rights reserved PUSB3BB2DF Datasheet HTML 117Page - Nexperia B.V. All rights reserved PUSB3BB2DF Datasheet HTML 118Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 114 / 234 page
background image
Automotive analog & logic ICs
Type number
Description
Features
Package (suffix)
74HCT541-Q100
Octal buffer/line driver; TTL-enabled (3-state)
4.5 - 5.5
± 6
12
-40 to 125
•
•
74HCU04-Q100
Hex inverter; unbuffered
2.0 - 6.0
± 5.2
5.0
-40 to 125
•
•
•
74LV244-Q100
Octal buffer/line driver (3-state)
1.0 - 5.5
± 16
8.0
-40 to 125
•
•
74LVC04A-Q100
Hex inverter
1.65 - 5.5
± 24
2.0
-40 to 125
•
•
•
74LVC06A-Q100
Hex inverter; open-drain
1.65 - 5.5
32
2.2
-40 to 125
•
•
•
74LVC07A-Q100
Hex buffer; open-drain
1.65 - 5.5
32
2.2
-40 to 125
•
•
•
74LVC125A-Q100
Quad buffer/line driver (3-state)
1.2 - 3.6
± 24
2.4
-40 to 125
•
•
•
74LVC126A-Q100
Quad buffer/line driver (3-state)
1.2 - 3.6
± 24
2.4
-40 to 125
•
•
•
74LVC541A-Q100
Octal buffer/line driver (3-state)
1.2 - 3.6
± 24
3.3
-40 to 125
•
•
•
74LVC16240A-Q100
16-bit inverter/line driver (3-state)
1.2 - 3.6
± 24
2.7
-40 to 125
•
74LVC244A-Q100
Octal buffer/line driver (3-state)
1.2 - 3.6
± 24
2.8
-40 to 125
•
•
•
74LVCH244A-Q100
Octal buffer/line driver with bus hold (3-state)
1.2 - 3.6
± 24
2.8
-40 to 125
•
•
•
74LVC16244A-Q100
16-bit buffer/line driver (3-state)
1.2 - 3.6
± 24
3.0
-40 to 125
•
•
74LVCH16244A-Q100
16-bit buffer/line driver with bus hold (3-state)
1.2 - 3.6
± 24
3.0
-40 to 125
•
•
74LVCU04A-Q100
Hex inverter; unbuffered
1.2 - 3.6
± 24
2.0
-40 to 125
•
•
74LVT04-Q100
Hex inverter
2.7 - 3.6
-20 / +32
2.6
-40 to 85
•
•
74LVT244A-Q100
Octal buffer/line driver with bus hold (3-state)
2.7 - 3.6
-32 / +64
2.6
-40 to 85
•
•
74LVTH244A-Q100
Octal buffer/line driver with bus hold (3-state)
2.7 - 3.6
-32 / +64
2.6
-40 to 85
•
•
74VHC126-Q100
Quad buffer/line driver (3-state)
2.0 - 5.5
± 8
3.3
-40 to 125
•
•
•
74VHCT126-Q100
Quad buffer/line driver; TTL-enabled (3-state)
4.5 - 5.5
± 8
3.0
-40 to 125
•
•
•
74VHC541-Q100
Octal buffer/line driver (3-state)
2.0 - 5.5
± 8
3.5
-40 to 125
•
•
•
74VHCT541-Q100
Octal buffer/line driver; TTL-enabled (3-state)
4.5 - 5.5
± 8
3.5
-40 to 125
•
•
•
HEF4049B-Q100
Hex inverter/line driver
3.0 - 15.0
-3 / +20
20
-40 to 85
•
HEF4050B-Q100
Hex buffer/line driver
3.0 - 15.0
-3 / +20
40
-40 to 85
•
HEF4069UB-Q100
Hex inverter; unbuffered
3.0 - 15.0
± 3.4
15
-40 to 85
•
•
Buffers/Inverters
Nexperia selection guide 2020
114



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More