| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PUSB3BB2DF bảng dữ liệu(PDF) 112 Page - Nexperia B.V. All rights reserved |
|
|
|||||||||||||||||||||||||||||
PUSB3BB2DF bảng dữ liệu(HTML) 112 Page - Nexperia B.V. All rights reserved |
|
112 / 234 page ![]() Automotive analog & logic ICs Q100 Standard logic functions and packages Analog switches Type number Description Features Package (suffix) 74HC4051-Q100 Single-pole, octal-throw analog switch SP8T-Z 2.0 - 10.0 200 20 -40 to 125 • • • 74HCT4051-Q100 Single-pole, octal-throw analog switch; TTL-enabled SP8T-Z 4.5 - 5.5 225 20 -40 to 125 • • • 74HC4052-Q100 Dual single-pole, quad-throw analog switch SP4T-Z 2.0 - 10.0 200 20 -40 to 125 • • • 74HCT4052-Q100 Dual single-pole, quad-throw analog switch; TTL-enabled SP4T-Z 4.5 - 5.5 200 20 -40 to 125 • • • 74HC4053-Q100 Triple single-pole, double-throw analog switch SP8T-Z 2.0 - 10.0 200 20 -40 to 125 • • • 74HCT4053-Q100 Triple single-pole, double-throw analog switch; TTL-enabled SP8T-Z 4.5 - 5.5 200 20 -40 to 125 • • • 74HC4066-Q100 Quad single-pole, single-throw analog switch SPST-NO 2.0 - 10.0 105 23 -40 to 125 • • • 74HCT4066-Q100 Quad single-pole, single-throw analog switch; TTL-enabled SPST-NO 4.5 - 5.5 118 23 -40 to 125 • • • 74HC4067-Q100 Single-pole, 16-throw analog switch SP16T-Z 2.0 - 10.0 200 25 -40 to 125 • • • 74HCT4067-Q100 Single-pole, 16-throw analog switch; TTL-enabled SP16T-Z 4.5 - 5.5 225 25 -40 to 125 • • • 74HC4851-Q100 Single-pole, octal-throw analog switch SP8T-Z 2.0 - 10.0 220 - -40 to 125 • • • 74HCT4851-Q100 Single-pole, octal-throw analog switch; TTL-enabled SP8T-Z 4.5 - 5.5 240 - -40 to 125 • • • 74HC4852-Q100 Dual single-pole, quad-throw analog switch SP4T-Z 2.0 - 10.0 220 - -40 to 125 • • • 74HCT4852-Q100 Dual single-pole, quad-throw analog switch; TTL-enabled SP4T-Z 4.5 - 5.5 240 - -40 to 125 • • • 74LV4052-Q100 Dual single-pole, quad-throw analog switch SP4T-Z 1.0 - 6.0 125 15 -40 to 125 • • 74LV4053-Q100 Triple single-pole, double-throw analog switch SPDT-Z 1.0 - 6.0 150 30 -40 to 125 • • • 74LVC4066-Q100 Quad single-pole, single-throw analog switch SPST-NO 1.65 - 5.5 15 1.5 -40 to 125 • • • HEF4051B-Q100 Single-pole, octal-throw analog switch SP8T-Z 3.0 - 15 175 30 -40 to 85 • • HEF4052B-Q100 Dual single-pole, quad-throw analog switch SP4T-Z 3.0 - 15 175 30 -40 to 85 • • HEF4053B-Q100 Triple single-pole, double-throw analog switch SPDT-Z 3.0 - 15 175 30 -40 to 85 • • HEF4066B-Q100 Quad single-pole, single-throw analog switch SPST-NO 3.0 - 15 175 20 -40 to 85 • HEF4067B-Q100 Single-pole, 16-throw analog switch SP16T-Z 3.0 - 15 175 20 -40 to 85 • Nexperia selection guide 2020 112 |