công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

BAS16QC bảng dữ liệu(PDF) 11 Page - Nexperia B.V. All rights reserved

tên linh kiện BAS16QC
Giải thích chi tiết về linh kiện  Discrete and MOSFET components, analog & logic ICs
PDF  234 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NEXPERIA [Nexperia B.V. All rights reserved]
Trang chủ  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

BAS16QC bảng dữ liệu(HTML) 11 Page - Nexperia B.V. All rights reserved

Back Button BAS16QC Datasheet HTML 7Page - Nexperia B.V. All rights reserved BAS16QC Datasheet HTML 8Page - Nexperia B.V. All rights reserved BAS16QC Datasheet HTML 9Page - Nexperia B.V. All rights reserved BAS16QC Datasheet HTML 10Page - Nexperia B.V. All rights reserved BAS16QC Datasheet HTML 11Page - Nexperia B.V. All rights reserved BAS16QC Datasheet HTML 12Page - Nexperia B.V. All rights reserved BAS16QC Datasheet HTML 13Page - Nexperia B.V. All rights reserved BAS16QC Datasheet HTML 14Page - Nexperia B.V. All rights reserved BAS16QC Datasheet HTML 15Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 234 page
background image
ESD protection, TVS, filtering and signal conditioning
Diodes
Category
Device
Description
Page
ESD Protection
PESD2V8R1BSF
 ESD protection for USB4 SuperSpeed data lines
67
PESD5V0H1BSN
 ESD protection for USB3 and HDMI2 data lines in DSN0402 package
67
PESD5V5V1BCSN
 Super small 5V ESD protection in DSN0402 package
70
PESD24VV2BT
 High VRWM BidIRectional ESD protection
72
PESD27VV2BT
High VRWM BidIRectional ESD protection
72
PESD24VV1BA
High VRWM BidIRectional ESD protection
70
PESD27VV1BA
High VRWM BidIRectional ESD protection
70
PESD12VA-SF
ESD protection for 12V interface lines
70
PESD3V3L4BHC
4 fold ESD protection array with lower trigger voltage
72
PESD32VL1BA
BidIRectional single line ESD protection with 32V working voltage in SOD323 package
70
PESD36VL1BA
BidIRectional single line ESD protection with 36V working voltage in SOD323 package
70
PUSB3BB2DF
2 -line ESD Protection in DFN0603-3 package with extremely low clamping & low capacitance
68
Transient Voltage Surge Suppressor
(TVS)
PTVS3V3Z1BSC
 Surge protection for 3.3V supply, battery, audio lines
74
PTVS5V0Z1BSC
 Surge protection 5V for supply, battery, audio lines
74
Category
Device
Description
Page
Switching diodes
BAS16QB
High-speed switching diode in DFN1110D-3 (SOT8015) with side-wettable flanks (SWF)
47
BAS16QC
High-speed switching diode in DFN1412D-3 (SOT8009) with side-wettable flanks (SWF)
47
Recovery rectifiers
PNE20060CPE
200 V, 2x3A dual common cathode hyperfast recovery rectifier in CFP15B
50
PNE20080CPE
200 V, 2x4A dual common cathode hyperfast recovery rectifier in CFP15B
50
PNE200100CPE
200 V, 2x5A dual common cathode hyperfast recovery rectifier in CFP15B
50
Power SiGe rectifiers
PMEG120G10ELR
120 V, 1 A SiGe Rectifier in CFP3
51
PMEG120G20ELR
120 V, 2 A SiGe Rectifier in CFP3
51
PMEG120G20ELP
120 V, 2 A SiGe Rectifier in CFP5
51
PMEG120G30ELP
120 V, 3 A SiGe Rectifier in CFP5
51
PMEG150G20ELP
150 V, 2 A SiGe Rectifier in CFP5
51
PMEG150G30ELP
150 V, 3 A SiGe Rectifier in CFP5
51
PMEG200G20ELP
200 V, 2 A SiGe Rectifier in CFP5
51
PMEG200G30ELP
200 V, 3 A SiGe Rectifier in CFP5
51
PMEG150G10ELR
150 V, 1 A SiGe Rectifier in CFP3
51
PMEG150G20ELR
150 V, 2 A SiGe Rectifier in CFP3
51
PMEG200G10ELR
200 V, 1 A SiGe Rectifier in CFP3
51
PMEG200G20ELR
200 V, 2 A SiGe Rectifier in CFP3
51
Schottky diodes and rectifiers
PMEG060T030ELPE
60 V, 3 A Trench Schottky Rectifier in CFP15B
56
PMEG060T050ELPE
60 V, 5 A Trench Schottky Rectifier in CFP15B
56
PMEG060T060CLPE
60 V, 2x3A dual common cathode low leakage current Trench MEGA Schottky barrier rectifier in CFP15B
56
PMEG060T080CLPE
60 V, 2x4A dual common cathode low leakage current Trench MEGA Schottky barrier rectifier in CFP15B
56
PMEG060T100CLPE
60 V, 2x5A dual common cathode low leakage current Trench MEGA Schottky barrier rectifier in CFP15B
56
New products
11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com