công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

BAS16QB bảng dữ liệu(PDF) 44 Page - Nexperia B.V. All rights reserved

tên linh kiện BAS16QB
Giải thích chi tiết về linh kiện  Discrete and MOSFET components, analog & logic ICs
PDF  234 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NEXPERIA [Nexperia B.V. All rights reserved]
Trang chủ  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

BAS16QB bảng dữ liệu(HTML) 44 Page - Nexperia B.V. All rights reserved

Back Button BAS16QB Datasheet HTML 40Page - Nexperia B.V. All rights reserved BAS16QB Datasheet HTML 41Page - Nexperia B.V. All rights reserved BAS16QB Datasheet HTML 42Page - Nexperia B.V. All rights reserved BAS16QB Datasheet HTML 43Page - Nexperia B.V. All rights reserved BAS16QB Datasheet HTML 44Page - Nexperia B.V. All rights reserved BAS16QB Datasheet HTML 45Page - Nexperia B.V. All rights reserved BAS16QB Datasheet HTML 46Page - Nexperia B.V. All rights reserved BAS16QB Datasheet HTML 47Page - Nexperia B.V. All rights reserved BAS16QB Datasheet HTML 48Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 234 page
background image
I
F max
(mA)
P
ZSM (W)
V
Z nom
(V)
V
Z
tolerance
Note
Configuration
Series
Package
Automotive
- qualified
Size (mm) P
tot (mW)
500
-
3.3~24
C
Europe
Single
1N47xxA series
SOD66
(DO-41)
No
4.8 x 2.6 x
0.81
1000
60
3.6~75
BZV85 series
250
-
2.1~36
About 2%
Special
Single
NZX series
SOD27
(DO-35)
No
4.25 x 1.85
x 0.56
400
40
2.4~75
B, C
Europe
BZX79 series
400
40
2.4~75
C
Europe
Single
BZV90 series
SOT223
(SC-73)
Yes
6.5 x 3.5 x
1.65
1500
250
40
2.4~75
C
Europe
Single
BZV49 series
SOT89
(SC-62)
Yes
4.5 x 2.5
x 1.5
1000
250
40
2.4~75
B, C
Europe
Single
BZV55 series
SOD80C
(MiniMelf)
No
3.5 x 1.5
x 1.5
400
200
40
2.4~75
B, C
Europe
Dual c.a.
BZB84 series
SOT23
Yes
2.9 x 1.3
x 1.0
250
A, B, C
Single
BZX84 series
250
30
5~6.8
0.2 V
Ave
PLVA600A series
250
40
2.4~75
B, C
Europe
Single
BZT52 series
SOD123
Yes
2.7 x 1.6
x 1.2
550
200
2.4~36
B
Japan
PDZ-GW series
250
-
3.0~30
About 2.5%
Special
Single
NZH series
SOD123F
Yes
2.6 x 1.6
x 1.1
830
40
2.4~75
B, C
Europe
BZT52H series
200
40
10
B2
Japan
Dual isolated
PZU10DB2 series
SOT353
(SC-88A)
Yes
2.0 x 1.25 x
0.95
300
200
40
2.4~15
C
Europe
Dual c.a.
BZB784 series
SOT323
(SC-70)
Yes
2.0 x 1.25 x
0.95
350
200
40
2.4~75
B, C
Europe
Single
BZX84W series
200
30
100
C
Europe
Back-to-back
BZB100A
SOD323
(SC-76)
Yes
1.7 x 1.25 x
0.95
300
40
2.4~36
B2
Japan
Single
PDZ-B series
250
40
2.4~75
B, C
Europe
BZX384 series
200
40
2.4~36
B, B1, B2, B3
Japan
PZUxBA series
200
60
100
C
Europe
Single
BZX100A
SOD323F
(SC-90)
Yes
1.7 x 1.25
x 0.7
550
200
40
2.4~36
B, B1, B2, B3
Japan
PZUxB series
250
40
2.4~75
B, C
Europe
BZX84J series
200
40
2.4~75
B, C
Europe
Single
BZX585 series
SOD523
(SC-79)
Yes
1.2 x 0.8
x 0.6
300
200
40
2.4~75
B, C
Europe
Single
BZX884 series
DFN1006-2
(SOD882)
Yes
1.0 x 0.6 x
0.48
250
2.4~36
B, B2
Japan
PZUxBL series
200
40
2.4~75
B, C
Europe
Single
BZX884S series
DFN1006BD-2
(SOD882BD)
Yes
1.0 x 0.6 x
0.47
250
250
40
2.4~30
B
Europe
Single
TDZxJ series
SOD323F
Yes
1.7 x 1.25
x 0.7
500
Zener diodes
General purpose Zener diodes
Notes:
Japan: B selection: app. 5% Vz tolerance, B1, B2, B3 selections: app. 2% Vz tolerance in sequential intervals
Europe: A selection: app. 1% Vz tolerance, B selection: app. 2% Vz tolerance, C selection: app. 5% Vz tolerance;
the selections are in overlapping intervals
Ave: low-voltage avalanche regulator diodes
Dual c.a.: dual common anode
006aab234
2, 4
1
3
006aab219
1
3
5
4
2
brb118
brb118
brb118
brb118
brb118
brb118
brb118
brb118
brb118
sym096
2
3
1
brb119
brb120
brb120
mse211
brb118
brb118
A
K
aaa-006592
n.c.
Types in
bold represent new products
M3D130
M3D176
M3D109
M3D088
Nexperia selection guide 2020
44



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com