công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

2PB710ASL-Q bảng dữ liệu(PDF) 3 Page - Nexperia B.V. All rights reserved

tên linh kiện 2PB710ASL-Q
Giải thích chi tiết về linh kiện  50 V, 500 mA PNP general-purpose transistors
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NEXPERIA [Nexperia B.V. All rights reserved]
Trang chủ  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

2PB710ASL-Q bảng dữ liệu(HTML) 3 Page - Nexperia B.V. All rights reserved

  2PB710ASL-Q Datasheet HTML 1Page - Nexperia B.V. All rights reserved 2PB710ASL-Q Datasheet HTML 2Page - Nexperia B.V. All rights reserved 2PB710ASL-Q Datasheet HTML 3Page - Nexperia B.V. All rights reserved 2PB710ASL-Q Datasheet HTML 4Page - Nexperia B.V. All rights reserved 2PB710ASL-Q Datasheet HTML 5Page - Nexperia B.V. All rights reserved 2PB710ASL-Q Datasheet HTML 6Page - Nexperia B.V. All rights reserved 2PB710ASL-Q Datasheet HTML 7Page - Nexperia B.V. All rights reserved 2PB710ASL-Q Datasheet HTML 8Page - Nexperia B.V. All rights reserved  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Nexperia
2PB710ASL-Q
50 V, 500 mA PNP general-purpose transistors
8. Limiting values
Table 5. Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol
Parameter
Conditions
Min
Max
Unit
VCBO
collector-base voltage
open emitter
-
-60
V
VCEO
collector-emitter voltage open base
-
-50
V
VEBO
emitter-base voltage
open collector
-
-5
V
IC
collector current
-
-500
mA
ICM
peak collector current
-
-1000
mA
IBM
peak base current
single pulse; tp ≤ 1 ms
-
-200
mA
Ptot
total power dissipation
Tamb ≤ 25 °C
[1]
-
250
mW
Tj
junction temperature
-
150
°C
Tamb
ambient temperature
-55
150
°C
Tstg
storage temperature
-65
150
°C
[1] Device mounted on an FR4 Printed-Circuit Board (PCB), single-sided copper, tin-plated and standard footprint.
9. Thermal characteristics
Table 6. Thermal characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Rth(j-a)
thermal resistance from
junction to ambient
in free air
[1]
-
-
500
K/W
[1] Device mounted on an FR4 PCB, single-sided copper, tin-plated and standard footprint.
2PB710ASL-Q
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2022. All rights reserved
Product data sheet
3 January 2022
3 / 8



Html Pages

1 2 3 4 5 6 7 8


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com