| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
LM431BCZ/NOPB.B bảng dữ liệu(PDF) 22 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
LM431BCZ/NOPB.B bảng dữ liệu(HTML) 22 Page - Texas Instruments |
|
22 / 37 page ![]() PACKAGE OPTION ADDENDUM www.ti.com 23-May-2025 Orderable part number Status (1) Material type (2) Package | Pins Package qty | Carrier RoHS (3) Lead finish/ Ball material (4) MSL rating/ Peak reflow (5) Op temp (°C) Part marking (6) LM431AIMX/NOPB Active Production SOIC (D) | 8 2500 | LARGE T&R Yes SN Level-1-260C-UNLIM -40 to 85 LM431 AIM LM431AIMX/NOPB.B Active Production SOIC (D) | 8 2500 | LARGE T&R Yes SN Level-1-260C-UNLIM -40 to 85 LM431 AIM LM431AIZ/LFT1 Active Production TO-92 (LP) | 3 2000 | LARGE T&R Yes SN N/A for Pkg Type - LM431 AIZ LM431AIZ/LFT1.B Active Production TO-92 (LP) | 3 2000 | LARGE T&R Yes SN N/A for Pkg Type -40 to 85 LM431 AIZ LM431AIZ/NOPB Active Production TO-92 (LP) | 3 1800 | BULK Yes Call TI N/A for Pkg Type -40 to 85 LM431 AIZ LM431AIZ/NOPB.B Active Production TO-92 (LP) | 3 1800 | BULK Yes Call TI N/A for Pkg Type -40 to 85 LM431 AIZ LM431BCM/NOPB Active Production SOIC (D) | 8 95 | TUBE Yes SN Level-1-260C-UNLIM 0 to 70 431 BCM LM431BCM/NOPB.B Active Production SOIC (D) | 8 95 | TUBE Yes SN Level-1-260C-UNLIM -40 to 85 431 BCM LM431BCM3/NOPB Active Production SOT-23 (DBZ) | 3 1000 | SMALL T&R Yes SN Level-1-260C-UNLIM 0 to 70 N1D LM431BCM3/NOPB.B Active Production SOT-23 (DBZ) | 3 1000 | SMALL T&R Yes SN Level-1-260C-UNLIM -40 to 85 N1D LM431BCM3X/NOPB Active Production SOT-23 (DBZ) | 3 3000 | LARGE T&R Yes SN Level-1-260C-UNLIM 0 to 70 N1D LM431BCM3X/NOPB.B Active Production SOT-23 (DBZ) | 3 3000 | LARGE T&R Yes SN Level-1-260C-UNLIM -40 to 85 N1D LM431BCMX/NOPB Active Production SOIC (D) | 8 2500 | LARGE T&R Yes SN Level-1-260C-UNLIM 0 to 70 431 BCM LM431BCMX/NOPB.B Active Production SOIC (D) | 8 2500 | LARGE T&R Yes SN Level-1-260C-UNLIM -40 to 85 431 BCM LM431BCZ/NOPB Active Production TO-92 (LP) | 3 1800 | BULK Yes Call TI N/A for Pkg Type 0 to 70 LM431 BCZ LM431BCZ/NOPB.B Active Production TO-92 (LP) | 3 1800 | BULK Yes Call TI N/A for Pkg Type -40 to 85 LM431 BCZ LM431BIM/NOPB Active Production SOIC (D) | 8 95 | TUBE Yes SN Level-1-260C-UNLIM -40 to 85 431 BIM LM431BIM/NOPB.B Active Production SOIC (D) | 8 95 | TUBE Yes SN Level-1-260C-UNLIM -40 to 85 431 BIM LM431BIM3/NOPB Active Production SOT-23 (DBZ) | 3 1000 | SMALL T&R Yes SN Level-1-260C-UNLIM -40 to 85 N1C LM431BIM3/NOPB.B Active Production SOT-23 (DBZ) | 3 1000 | SMALL T&R Yes SN Level-1-260C-UNLIM -40 to 85 N1C Addendum-Page 2 |